Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF2800D Datasheet(PDF) 1 Page - International Rectifier

Part # AMF2800D
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2800D Datasheet(HTML) 1 Page - International Rectifier

  AMF2800D Datasheet HTML 1Page - International Rectifier AMF2800D Datasheet HTML 2Page - International Rectifier AMF2800D Datasheet HTML 3Page - International Rectifier AMF2800D Datasheet HTML 4Page - International Rectifier AMF2800D Datasheet HTML 5Page - International Rectifier AMF2800D Datasheet HTML 6Page - International Rectifier AMF2800D Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
02/07/13
www.irf.com
1
Description
n 12W Output Power
n Available in ±5V, ±12V and ±15V Outputs
n 16 - 40VDC Input Range (28VDC Nominal)
n Low Input/Output Noise
n Total Ionizing Dose > 25KRads (Si)
n SEE Hardened to LET up to 60MeV.cm
2
/mg
n -55°C to +125°C Operating Range
n Indefinite Short Circuit Protection
n Flexible Mounting
n High Power Density
n Fully Isolated - Input to Output and to Case
n Complimentary EMI Filter Available
n Externally Synchronizable
n Electrical Performance Similar to
AHF28XXD Series
n Standard Microcircuit Drawings Available
Features
AMF
28V Input, Dual Output
The AMF28XXD has been designed for high density using
chip and wire hybrid technology that complies with the class
H requirements of MIL-PRF-38534.
Manufactured in a facility
fully qualified to MIL-PRF-38534, these converters are
fabricated utilizing DLA qualified processes. For
available screening options, refer to device screening
tableinthedata sheet. Applicable generic lot qualification
test data including radiation performance can be made
available on request. Consult IR San Jose for special
requirements.
AMF28XXD SERIES
The AMF28XXD series of DC-DC converter modules
has been specifically designed for operation in
moderate radiation environments supplementing the
higher radiation performance available in the
International Rectifier ART2815T converter series.
Environments presented to space vehicles operating
in low earth orbits, launch boosters, orbiting space
stations and similar applications requiring a low power,
high performance converter with moderate radiation
hardness performance will be optimally served by the
AMF28XXD series.
The physical configuration of the AMF28XXD series
permits mounting directly to a heat conduction surface
without the necessity of signal leads penetrating the
heat sink surface. This package configuration permits
greater independence in mounting and more mechanical
security than traditional packages.
International
Rectifier’s rugged ceramic seal pins are used
exclusively in the package thereby assuring long term
hermeticity.
HYBRID - HIGH RELIABILITY
RADIATION TOLERANT
DC-DC CONVERTER
PD-94688D


Similar Part No. - AMF2800D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMF2800S IRF-AMF2800S Datasheet
129Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - AMF2800D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2812S IRF-AMA2812S Datasheet
126Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com