Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA2800D Datasheet(PDF) 2 Page - International Rectifier

Part # ASA2800D
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASA2800D Datasheet(HTML) 2 Page - International Rectifier

  ASA2800D Datasheet HTML 1Page - International Rectifier ASA2800D Datasheet HTML 2Page - International Rectifier ASA2800D Datasheet HTML 3Page - International Rectifier ASA2800D Datasheet HTML 4Page - International Rectifier ASA2800D Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
ASA28XXD Series
Specifications
For Notes to Specifications, refer to page 3
ASA2805D/XX
ASA2812D/XX
ASA2815D/XX
TEST
Conditions
-55°
≤ TC ≤+125°C
VIN = 28V dc ±5% CL = 0
unless otherwise specified
Group A
Subgroups
Min
Max
Min
Max
Min
Max
Unit
1
±4.95
±5.05
±11.88
±12.12
±14.85
±15.15
Output voltage
IOUT = 0
2, 3
±4.90
±5.10
±11.76
±12.24
±14.70
±15.30
V
Output current
1, 2
VIN = 16, 28, and 40 V dc
either output
1, 2, 3
200
1000
84
333
67
267
mA
Output ripple voltage
3, 4
VIN = 16, 28 and 40 V dc
1, 2, 3
470
200
290
mV PP
Line regulation
4
VIN = 16, 28, and 40 V dc
IOUT = 0, 50%, 100% IMAX
1, 2, 3
50
50
50
mV
Load regulation
4
VIN = 16, 28, and 40 V dc
IOUT = 0, 50%, 100% IMAX
1, 2, 3
50
50
50
mV
Cross regulation
5
20% to 80% load change
1, 2, 3
15
8.0
8.0
%
IOUT = 0
Pin 5 connected to pin 7
12
12
12
Input current
IOUT = 0 Pin5 open
1, 2, 3
60
60
60
mA
Input ripple current
3, 4
IOUT = IMAX
1, 2, 3
100
100
100
mA PP
1, 3
70
71
71
Efficiency
4
IOUT = IMAX
2
66
68
68
%
Isolation
Input to output or any pin to
case (except pin 8) at 500 V
dc, Tc = +25° C
1
100
100
100
M
Ω
Capacitive load
6, 7
No effect on dc performance,
total for both outputs
4
200
200
200
µF
Overload
8
4.0
4.0
4.0
Power dissipation load fault
Short circuit
1, 2, 3
2.0
2.0
2.0
W
Switching frequency
4
IOUT = IMAX
4, 5, 6
500
600
500
600
500
600
KHz
IOUT = 50%
100% IMAX
-400
+400
-400
+400
-400
+400
Output response to step
transient load changes
4, 9
IOUT = 0
50% IMAX
4, 5, 6
-800
+800
-800
+800
-800
+800
mV pk
IOUT = 50%
100% IMAX
100
100
100
Recovery time, step
transient load changes
4, 9, 10
IOUT = 0
50% IMAX
4, 5, 6
2000
2000
2000
µs
Output response transient
step line changes
4, 7, 11
VIN =16
40Vdc,IOUT= IMAX
4, 5, 6
-750
+750
- 750
+750
-750
+750
mV pk
Recovery time transient step
line changes
4, 7, 10, 11
VIN=16
40Vdc, IOUT= IMAX
4, 5, 6
1200
1200
1200
µs
Turn on overshoot
4
IOUT = 0 and IMAX
4, 5, 6
600
600
600
mV pk
Turn on delay
4, 12
IOUT = 0 and IMAX
4, 5, 6
25
25
25
ms
Load fault recovery
7
4, 5, 6
25
25
25
ms
Input voltage
-0.5V to +50VDC Continous, 80V, 100 msec
Power output
Internally limited ( 6.5W typical )
Soldering temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com