Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS1041 Datasheet(PDF) 1 Page - International Rectifier

Part # AUIPS1041
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS1041 Datasheet(HTML) 1 Page - International Rectifier

  AUIPS1041 Datasheet HTML 1Page - International Rectifier AUIPS1041 Datasheet HTML 2Page - International Rectifier AUIPS1041 Datasheet HTML 3Page - International Rectifier AUIPS1041 Datasheet HTML 4Page - International Rectifier AUIPS1041 Datasheet HTML 5Page - International Rectifier AUIPS1041 Datasheet HTML 6Page - International Rectifier AUIPS1041 Datasheet HTML 7Page - International Rectifier AUIPS1041 Datasheet HTML 8Page - International Rectifier AUIPS1041 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
May, 9th 2012
Automotive grade
AUIPS1041(L)(R)/AUIPS1042G
www.irf.com
1
SINGLE/DUAL CHANNEL
INTELLIGENT POWER LOW SIDE SWITCH
Features
Over temperature shutdown
Over current shutdown
Active clamp
Low current & logic level input
ESD protection
Optimized Turn On/Off for EMI
Diagnostic on the input current
Description
The
AUIPS1041(L)(R)
and
AUIPS1042G
are
three
terminal Intelligent Power Switches (IPS) featuring low
side MOSFETs with over-current, over-temperature, ESD
protection and drain to source active clamp. The
AUIPS1042G is a dual channel device while the
AUIPS1041 is a single channel. These devices offer
protections and the high reliability required in harsh
environments. Each switch provides efficient protection by
turning OFF the power MOSFET when the temperature
exceeds 165°C or when the drain current reaches 4.5A.
The device restarts once the input is cycled. A serial
resistance connected to the input provides the diagnostic.
The avalanche capability is significantly enhanced by the
active
clamp
and
covers
most
inductive
load
demagnetizations.
Product Summary
Rds(on)
100m (max.)
Vclamp
39V
Ishutdown
4.5A (typ.)
Packages
SOT-223
SO-8
D-Pak
AUIPS1041L
AUIPS1042G
AUIPS1041R
Typical Connection
S
Control
IN
Input R
D
Load
+Bat
Input Signal
V Diag
2-4 (AUIPS1042G)
1
(AUIPS1041(L)(R))
5-6-7-8 (AUIPS1042G)
2
(AUIPS1041(L)(R))
1-3 (AUIPS1042G)
3
(AUIPS1041(L)(R))


Similar Part No. - AUIPS1041

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIPS1041LTR INFINEON-AUIPS1041LTR Datasheet
861Kb / 18P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - AUIPS1041

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com