Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1765EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1765EEE
Description  800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1765EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1765EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
800mA, Low-Noise, Step-Up DC-DC Converter
with 500mA Linear Regulator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VOUT = VPOUT = VINL = VONA = VONL = 3.6V, CLK/SEL = FBL = ONB = TRACK = PGND = GND, ISET = REF (bypassed with
0.22µF), LX = open, OUTL = open (bypassed with 4.7µF), TA = 0°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ONA, ONB, ONL, TRACK, OUT, INL to GND..............-0.3V, +6V
PGND to GND.....................................................................±0.3V
LX to GND ...............................................-0.3V to (POUT + 0.3V)
OUTL to GND ..............................................-0.3V to (INL + 0.3V)
CLK/SEL, REF, FB, FBL, ISET, POUT
to GND...................................................-0.3V to (OUT + 0.3V)
OUTL Short Circuit .....................................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
16-Pin TSSOP-EP (derate 19mW/°C above +70°C) ....1500mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC-DC CONVERTER
Input Voltage Range
(Note 1)
0.7
5.5
V
INL Voltage Range
(Note 1)
2.3
5.5
V
Minimum Startup Voltage
ILOAD < 1mA, TA = +25
°C, Figure 2
0.9
1.1
V
Temperature Coefficient of
Startup Voltage
ILOAD < 1mA
-2
mV/
°C
FB Regulation Voltage
VFB
CLK/SEL = OUT, 0 < ILX < 0.55A
1.215
1.250
1.275
V
FB Input Leakage Current
VFB = 1.35V
0.01
100
nA
Output Voltage Adjust Range
2.5
5.5
V
Load Regulation
CLK/SEL = OUT, 0 < ILOAD < 800mA
-1
%
OUT Voltage in Track Mode
VOUTL > 2.0V, INL = POUT
VOUTL
+ 0.4
VOUTL
+ 0.5
VOUTL
+ 0.6
V
Frequency in Startup Mode
fLX
VOUT = 1.5V
125
1000
kHz
Startup to Normal Mode
Transition Voltage
Rising edge only (Note 2)
2.00
2.15
2.30
V
ISET Input Leakage Current
VISET = 1.25V
0.01
50
nA
Supply Current in Normal Mode
(Note 3)
CLK/SEL = ONL = GND, no load
100
200
µA
VFB = 1.5V
130
200
µA
Supply Current in Low-Noise
PWM Mode (Note 3)
CLK/SEL = OUT,
no load
FB = GND (LX switching)
2.5
mA
Supply Current in Shutdown
ONA = ONL = GND, ONB = OUT
1
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com