Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQWI40C Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MQWI40C
Description  fully regulated output voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MQWI40C Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MQWI40C Datasheet HTML 1Page - Minmax Technology Co., Ltd. MQWI40C Datasheet HTML 2Page - Minmax Technology Co., Ltd. MQWI40C Datasheet HTML 3Page - Minmax Technology Co., Ltd. MQWI40C Datasheet HTML 4Page - Minmax Technology Co., Ltd. MQWI40C Datasheet HTML 5Page - Minmax Technology Co., Ltd. MQWI40C Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MQWI40C SERIES
DC/DC Power Module 40W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:2
Page 2 of 6
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
3.5V ~ 12V or Open Circuit
Converter Off
0V ~ 1.2V or Short Circuit
Control Input Current (On)
Vctrl = 5.0V
---
---
0.5
mA
Control Input Current (Off)
Vctrl = 0V
---
---
-0.5
mA
Control Common
Referenced to Negative Input
Standby Input Current
Supply Off & Nominal Vin
---
3
---
mA
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
±2.0
---
%Vnom.
Line Regulation
Vin=Min. to Max. @Full Load
---
±0.5
---
%
Load Regulation
Io=0% to 100%
---
±1.0
---
%
Minimum Load
No minimum Load Requirement
Ripple & Noise
0-20MHz bandwith
5.1V Output Models
---
---
100
mV P-P
12V & 24V Output Models
---
---
150
mV P-P
48V Output Models
---
---
200
mV P-P
Transient Recovery Time
25% Load Step Change(2)
---
250
---
μsec
Transient Response Deviation
---
±3
±5
%
Over Voltage Protection
Zener diode clamp
---
120
---
% of Vo
Temperature Coefficient
---
±0.02
---
%/℃
Over Load Protection
Current Limitation at 150% typ. of Iout max., Hiccup Mode, automatic recovery
Short Circuit Protection
Hiccup Mode 0.25Hz typ, Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
2500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
---
2400
pF
Switching Frequency
---
285
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
644,290
Hours
Safety Approvals
UL/cUL 60950-1 recognition(UL certificate), IEC/EN60950-1 (CB-report)
Environmental Specifications
Parameter
Conditions/Model
Min.
Max.
Unit
Operating Ambient Temperature Range
Natural Convection (6)
Nominal Vin, Load 100% Inom.
(for Power Derating see relative Derating Curves)
MQWI40-48S24C
-40
+78
℃
MQWI40-48S12
+76
MQWI40-24S051C,24S12C
MQWI40-24S24C,48S48C
+73
MQWI40-24S48C,48S051C
+71
Thermal Impedance
Natural Convection
4.75
---
℃/W
100LFM Convection
3.55
---
℃/W
200LFM Convection
3.10
---
℃/W
400LFM Convection
1.95
---
℃/W
Case Temperature
---
+95
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com