Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1775EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1775EEE
Description  Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1775EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1775EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Dual-Output Step-Down
DC-DC Converter for PDA/Palmtop Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +12V, VMAIN = VINC = VCS- = VCS+ = +3.3V, VCORE = +1.8V, Circuit of Figure 4, TA = 0°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, SHDNM, CVH to GND.......................................-0.3V to +30V
IN to CVH, PDRV ......................................................-0.3V to +6V
PDRV to GND..................................(VCVH - 0.3V) to (VIN + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
All Other Pins to GND...............................................-0.3V to +6V
Core Output Short Circuit...........................................Continuous
Continuous Power Dissipation
16-Pin QSOP (derate 7.1mW/°C above +70°C)..........571mW
Operating Temperature .......................................-40°C to +85°C
Storage Temperature.........................................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.7
28
V
Input Quiescent Supply Current
IIN
VFBM = +1.5V, VFBC = +1.5V,
V SHDNM = V SHDNC = +3.3V
15
30
µA
CS- Quiescent Supply Current
ICS-
VFBM = +1.5V, VFBC = +1.5V,
V SHDNM = V SHDNC = +3.3V
110
220
µA
Core Regulator Quiescent
Supply Current
IINC
VFBM = +1.5V, VFBC = +1.5V,
V SHDNM = V SHDNC = +3.3V
60
120
µA
IN Shutdown Supply Current
SHDNM = SHDNC = GND
5
30
µA
MAIN REGULATOR
Main Output Voltage Adjust
Range
1.25
5.5
V
FBM Regulation Threshold
VFBM
V(CS+ - CS-) = 0 to +60mV, VIN = +2.7V to +28V
1.21
1.25
1.29
V
FBM Input Current
IFBM
VFBM = +1.3V
-0.1
0.1
µA
Current-Limit Threshold
VCLM
VCS+ - VCS-
60
80
100
mV
Minimum Current-Limit
Threshold
VMIN
VCS+ - VCS-
615
24
mV
Valley Current Threshold
VVALLEY
VCS+ - VCS-
40
50
60
mV
Zero Current Threshold
VZERO
VCS+ - VCS-
015
mV
PDRV, NDRV Gate Drive
Resistance
VCS- = +3.3V, ILOAD = 50mA
2
4.4
Ω
CS- to CVL Switch Resistance
ICVL = 50mA
4.5
8
Ω
PDRV, NDRV Dead Time
50
ns
Maximum Duty Cycle
100
%
Minimum On-Time
200
400
650
ns
Minimum Off-Time
200
400
650
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com