Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-531P8 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-531P8
Description  High Linearity Enhancement Mode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-531P8 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-531P8 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image

ATF-531P8 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
V
DS
Drain–Source Voltage[2]
V
7
V
GS
Gate–Source Voltage[2]
V
‑7 to 1
V
GD
Gate Drain Voltage[2]
V
‑7 to 1
I
DS
Drain Current[2]
mA
300
I
GS
Gate Current
mA
20
P
diss
Total Power Dissipation[3]
W
1
P
in max.
RF Input Power
dBm
+24
T
CH
Channel Temperature
°C
150
T
STG
Storage Temperature
°C
‑65 to 150
θ
ch_b
Thermal Resistance[4]
°C/W
63
Notes:
1. Operation of this device in excess of any one
of these parameters may cause permanent
damage.
2. Assumes DC quiescent conditions.
3. Board (package belly) temperatureT
B is 25°C.
Derate 16 mW/°C for T
B > 87°C.
4. Thermal resistance measured using
150°C Liquid Crystal Measurement meth‑
od.
5. Device can safely handle +24 dBm RF Input
Power provided IGS is limited to 20mA. IGS
at P1dB drive level is bias circuit depen‑
dent.
Product Consistency Distribution Charts at  GHz, 4V, 135 mA[5,6]
NF (dB)
Figure 2. NF
Nominal = 0.6, USL = 1.0.
0
0.6
0.3
0.9
1.2
180
150
120
90
60
30
0
Cpk = 1.0
Stdev = 0.14
+3 Std
-3 Std
OIP3 (dBm)
Figure 3. OIP3
LSL = 35.5, Nominal = 38.1.
35
38
36
37
40
39
41
160
120
80
40
0
Cpk = 1.2
Stdev = 0.71
+3 Std
-3 Std
GAIN (dB)
Figure 4. Small Signal Gain
LSL = 18.5, Nominal = 20.2 dB, USL = 21.5.
18.5
19.5
20.5
21.5
300
250
200
150
100
50
0
Cpk = 2.0
Stdev = 0.21
+3 Std
-3 Std
Notes:
5. Distribution data sample size is 500 samples taken from 5 different wafers and 3 different lots. Future wafers allocated to this product may
have nominal values anywhere between the upper and lower limits.
6. Measurements are made on production test board, which represents a trade‑off between optimal OIP3, NF and VSWR. Circuit losses have
been de‑embedded from actual measurements.
Figure 1. Typical I-V Curves
(Vgs = 0.1 per step).
VDS (V)
400
300
200
100
0
0
2
4
5
6
7
3
1
0.9 V
0.8 V
0.7 V
0.5 V
0.6 V
P1dB (dBm)
Figure 5. P1dB
Nominal = 24.6.
24.2
24.8
24.4
24.6
25
25.2
240
200
160
120
80
40
0
Stdev = 0.12
+3 Std
-3 Std



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com