Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-541M4 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-541M4
Description  Low Noise Enhancement Mode Pseudomorphic HEMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-541M4 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-541M4 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-541M4 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-541M4 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-541M4 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-541M4 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-541M4 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-541M4 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-541M4 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-541M4 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
ATF-541M4 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
V
DS
Drain‑Source Voltage[2]
V
5
V
GS
Gate‑Source Voltage[2]
V
‑5 to +1
V
GD
Gate Drain Voltage[2]
V
5
I
DS
Drain Current[2]
mA
120
I
GS
Gate Current[5]
mA
2
P
diss
Total Power Dissipation[3]
mW
360
P
in max.
RF­ Input Power[5]
dBm
20
T
CH
Channel Temperature
°C
150
T
STG
Storage Temperature
°C
‑65 to 150
θ
jc
Thermal Resistance[4]
°C/W
212
Notes:
1. Operation of this device above any one of
these parameters may cause permanent
damage.
2. Assumes DC quiescent conditions.
3. Source lead temperature is 25°C. Derate
4.7 mW/°C for T
L > 74°C.
4. Thermal resistance measured using
150°C Liquid Crystal Measurement
method.
5. The device can handle +20 dBm RF­ Input
Power provided I
GS is limited to 2 mA. IGS at
P
1dB drive level is bias circuit dependent. See
applications section for additional informa‑
tion.
Product Consistency Distribution Charts[6,7]
VDS (V)
Figure 1. Typical I-V Curves.
(VGS= 0.1 V per step)
0.4V
0.5V
0.6V
0.7V
0.3V
0
2
1
4
6
5
3
7
120
100
80
60
40
20
0
OIP3 (dBm)
Figure 2. OIP3 @ 2 GHz, 3 V, 60 mA.
LSL = 33.0, Nominal = 35.82
29
35
32
38
41
320
240
160
80
0
Cpk = 0.85
Stdev = 1.14
-3 Std
GAIN (dB)
Figure 3. Gain @ 2 GHz, 3 V, 60 mA.
LSL = 15.5, Nominal = 17.5, USL = 18.5
15
17
16
19
18
20
Cpk = 1.16
Stdev = 0.30
-3 Std
+3 Std
320
240
160
80
0
NF (dB)
Figure 4. NF @ 2 GHz, 3 V, 60 mA.
Nominal = 0.5, USL = 0.9
0.3
0.7
0.5
0.9
1.1
300
250
200
150
100
50
0
Cpk = 1.72
Stdev = 0.072
+3 Std
Notes:
6. Distribution data sample size is 500 samples taken from 6 different wafers. F­uture wafers allocated to this product may have nominal values
anywhere between the upper and lower limits.
7. Measurements made on production test board. This circuit represents a trade‑off between an optimal noise match and a realizeable match
based on production test equipment. Circuit losses have been de‑embedded from actual measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com