Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-386D Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-386D
Description  PIN Diode Diversity Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-386D Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-386D Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-386D Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-386D Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-386D Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-386D Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-386D Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-386D Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Table 1. Absolute Maximum Rating [1] Tc = +25°C
Symbol
Parameter
Units
Absolute Max.
IF
Forward Current (1
µs Pulse)
Amp
1
PIV
Peak Inverse Voltage
V
50
TJ
Junction temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
θJC
Thermal Resistance [2]
°C/W
500
Notes:
1. Operation in excess of anyone of these conditions may result in permanent damage to the device.
2. TC = 25°C, TC where is defined to be the temperature at the package pins where contacts is made to the circuit board.
Table 2. Electrical Specifications, Tc = +25°C, each diode
Symbol
Parameter and Test Condition
Units
Min.
Typ
Max.
VBR
Breakdown Voltage @ IR = 10µA
V
–
55
–
VF
Forward Voltage @ IF = 30mA
V
–
0.88
–
VF
Forward Voltage @ IF =100mA
V
–
0.96
1.15
RS
Typical Series Resistance @ Freq = 100MHz & IF =1mA
Ohm
–
17.0
–
RS
Typical Series Resistance @ Freq = 100MHz & IF =10mA
Ohm
–
2.6
–
RS
Typical Series Resistance @ Freq = 100MHz & IF =100mA
Ohm
–
1.2
–
CT
Typical Total Capacitance @ Freq = 1MHz & VR = 0V
pF
–
0.35
0.55
T
Carrier Lifetime @ IF = 50mA & IR =250mA
ns
–
500
–
Trr
Reverse Recovery Time @ VR =10V, IF = 20mA & 90% Recovery
ns
–
75
–
Table 3. Performance Table at Nominal Operating Conditions, Tc = +25°C, IF = 10mA, each diode
IIP3 [1, 4]
Input 3rd order Intercept Point @ freq = 0.9GHz
dBm
–
56.83
–
IIP3 [2, 4]
Input 3rd order Intercept Point @ freq = 1.9GHz
dBm
–
57.93
–
IIP3 [3, 4]
Input 3rd order Intercept Point @ freq = 2.4GHz
dBm
–
59.26
–
IP1dB [4]
Input 1dB Compressed Power @ freq = 0.9GHz
dBm
–
47.41
–
IP1dB [4]
Input 1dB Compressed Power @ freq = 1.9GHz
dBm
–
48.11
–
IP1dB [4]
Input 1dB Compressed Power @ freq = 2.4GHz
dBm
–
48.45
–
Notes:
1. 0.9 GHz OIP3 Test Condition : F1 = 0.9 GHz & F2 = 0.905 GHz, Pin =30 dBm
2. 1.9 GHz OIP3 Test Condition : F1 = 1.9 GHz & F2 = 1.905 GHz, Pin =30 dBm
3. 2.4 GHz OIP3 Test Condition : F1 = 2.4 GHz & F2 = 2.405 GHz, Pin =30 dBm
4. Measurement obtained using the demoboard described in Figure 7 & 8.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com