Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-386C Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-386C
Description  Surface Mount PIN Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-386C Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-386C Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-386C Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-386C Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-386C Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-386C Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-386C Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-386C Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-386C Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-386C Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Package Lead Code Identification,
SOT-23, SOT-143
(Top View)
Package Lead Code Identification,
SOT-323
(Top View)
COMMON
CATHODE
#4
COMMON
ANODE
#3
SERIES
#2
SINGLE
#0
COMMON
CATHODE
F
COMMON
ANODE
E
SERIES
C
SINGLE
B
Package Lead Code Identification,
SOT-363
(Top View)
UNCONNECTED
TRIO
L
12
3
65
4
Electrical Specifications T
C = 25°C, each diode
PIN General Purpose Diodes, Typical Specifications T
A = 25°C
Package
Minimum
Typical
Typical
Part Number
Marking
Lead
Breakdown
Series Resistance
Total Capacitance
HSMP-
Code
Code
Configuration
Voltage V
BR (V)
R
S (Ω)
C
T (pF)
3860
L0
0
Single
50
3.0/1.5*
0.20
3862
L2
2
Series
3863
L3
3
Common Anode
3864
L4
4
Common Cathode
386B
L0
B
Single
386C
L2
C
Series
386E
L3
E
Common Anode
386F
L4
F
Common Cathode
386L
LL
L
Unconnected Trio
Test Conditions
V
R = VBR
I
F = 10 mA
V
R = 50 V
Measure
f = 100 MHz
f = 1 MHz
I
R ≤ 10 µA
I
F = 100 mA*
Absolute Maximum Ratings[1] T
C = +25°C
Symbol
Parameter
Unit
SOT-23
SOT-323
I
f
Forward Current (1 µs Pulse)
Amp
1
1
P
IV
Peak Inverse Voltage
V
50
50
T
j
Junction Temperature
°C
150
150
T
stg
Storage Temperature
°C
-65 to 150
-65 to 150
q
jc
Thermal Resistance[2]
°C/W
500
150
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. T
C = +25°C, where TC is defined to be the temperature at the package pins where contact is made to
the circuit board.
ESD WARNING:
Handling Precautions Should Be Taken To Avoid
Static Discharge.
RING
QUAD
D
1
3
2
4
See separate data sheet HSMP-386D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com