Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-2150G-R3AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-2150G-R3AE
Description  15" XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-2150G-R3AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-2150G-R3AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-2150G-R3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automation Panels
Features
FPM-2150G
Specifications
General
ƒ
Button Controls
OSD (Onscreen Display) control pad on rear cover
ƒ
Certification
BSMI, CCC, CE, FCC, UL
ƒ
Dimensions (W x H x D) 383 x 307 x 48.13 mm (15.08" x 12.09" x 1.89")
ƒ
Enclosure
Front panel: Aluminum with coating,
Rear cover: SECC coating chassis
ƒ
Mounting
Panel, wall, desktop, VESA arm, or rackmount with
optional mounting kit
ƒ
Power Input
External 60 W power adapter, with AC 100 V ~ 240 V
input and DC +12 V @ 5 A output (included)
ƒ
Video Port
VGA
ƒ
Weight (Net)
4.5 kg (9.9 lbs)
LCD Display
ƒ
Display Type
XGA TFT LCD with LED backlight
ƒ
Display Size
15"
ƒ
Max. Resolution
1024 x 768
ƒ
Max. Color
16.2M
ƒ
Viewing Angle (H/V)° 160, 140
ƒ
Luminance (cd/m2)
400
ƒ
Backlight Life (hrs)
50,000
ƒ
Contrast Ratio
700: 1
ƒ 15'' XGA TFT LED LCD with 50,000 hours of backlight life
ƒ Robust design with aluminum front panel
ƒ Lockable OSD control pad on rear cover
ƒ Anti-glare screen with tempered glass and IP65 certified front panel
ƒ Supports Panel, Wall, Desktop, Rack or VESA arm mounting
ƒ Combo RS-232 & USB interface for touchscreen function
Touchscreen (Optional)
ƒ
Interface
Combo RS-232 & USB interface
ƒ
Lifespan
36 millions times with a silicone rubber of R8 finger,
hitting rate is calculated as being 250g at 2 times per
second
ƒ
OS Support
Windows® XP,Vista,7,8,XPe,CE and Linux
Environment
ƒ
Operation Temperature 0 ~ 50°C (32 ~ 122°F)
ƒ
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
ƒ
Humidity (Storage)
10 ~ 95% non-condensing
ƒ
Waterproof
Front Panel IP65
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
ƒ
FPM-2150G-X0AE
15" XGA Industrial LED Monitor
ƒ
FPM-2150G-R3AE
15" XGA Industrial LED Backlight Monitor w/Resistive
TS (RS- 232 and USB interfaces)
15" XGA Industrial Monitor with
Resistive Touchscreen and Direct-VGA
Port
Introduction
FPM-2150G is an industrial-grade 15" TFT LED LCD flat panel monitor with an Al-Mg front panel, a modern appearance, and one of the most competitive prices for 15" LCD monitors
on the market. The FPM-2150G is also extremely light and thin, and provides many industrial-grade features such as a stainless steel chassis, VESA mounting flexibility, and more.
The FPM-2150G is especially suitable for industrial PCs. This combination leads to an extremely reliable and tough system, ready to operate in a wide variety of industrial applications.
NEW
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - FPM-2150G-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-2150G-RCE ADVANTECH-FPM-2150G-RCE Datasheet
231Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
More results

Similar Description - FPM-2150G-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-2150G ADVANTECH-FPM-2150G Datasheet
231Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3060G ADVANTECH-FPM-3060G Datasheet
610Kb / 2P
6.5 VGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3120G ADVANTECH-FPM-3120G Datasheet
669Kb / 2P
12.1 SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3150G ADVANTECH-FPM-3150G Datasheet
651Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5151G ADVANTECH-FPM-5151G Datasheet
505Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-2120G ADVANTECH-FPM-2120G Datasheet
275Kb / 2P
12'SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2120G ADVANTECH-FPM-2120G_15 Datasheet
356Kb / 2P
12" SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3151G ADVANTECH-FPM-3151G_15 Datasheet
368Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
FPM-1150G ADVANTECH-FPM-1150G Datasheet
358Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and VGA / HDMI Port
22-Oct-2018
ITM-915G-RVAE-C ADVANTECH-ITM-915G-RVAE-C Datasheet
359Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and VGA Port
22-Oct-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com