Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-2170G-R3AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-2170G-R3AE
Description  17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-2170G-R3AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-2170G-R3AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-2170G-R3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
FPM-2170G
Accessories
ƒ
FPM-2170G-RMKE
FPM-2170G Rack-Mount Kit
ƒ
FPM-2120G-SMKE
FPM-2120G/2150G/2170G Stand Kit
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596
Power Cable China/Australia Plug 1.8 M
I/O View
Touch Screen (RS-232)
VGA Port
Touch Screen (USB)
Front View
Rear View
VESA Mount
OSD Control Keys
Wallmount
Panel Cut-out Dimensions: 400.92 x 334.42 mm (15.78" x 13.17")
398.92 [15.71]
52.13 [2.05]
130 [5.12]
100 [3.94]
75 [2.95]
33 [1.30]
5.50 [0.22]
308.26 [12.41]
269.17 [10.60]
413.72 [16.29]
432.91
[17.04]
DC Jack 12VDC
(100~240VAC adapter included)
Dimensions
Unit: mm [inch]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com