Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3121G-R3AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-3121G-R3AE
Description  12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3121G-R3AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-3121G-R3AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3121G-R3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
I/O View
FPM-3121G
Touchscreen
(RS-232)
24 VDC Input
100 ~ 240VAC
Power Adapter
Mounting Method
Panel Cut-out Dimensions: 303.5 x 229.5 mm (11.95" x 9.04")
Touchscreen
(USB)
DVI-D
VGA Port
312.00 [12.28]
6.60
[0.26]
60.00 [2.36]
301.50 [11.87]
100.00 [3.94]
75.00 [2.95]
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
Wall Mount
Power Adapter Mount
Desktop Stand Kit
VESA Mount
(75/100 mm)
Ordering Information
ƒ
FPM-3121G-X0AE
12.1" SVGA Ind. Monitor with Wide Temp
ƒ
FPM-3121G-R3AE
12.1" SVGA Ind. Monitor w/ Wide Temp, Resistive TS
Accessories
ƒ
FPM-2150G-SMKE
Mounting kit for desktop stand & wall
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1700000596
Power Cable China/Australia Plug 1.8 M
Unit: mm [inch]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com