Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3151G-R3AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-3151G-R3AE
Description  15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3151G-R3AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-3151G-R3AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3151G-R3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automation Panels
Features
FPM-3151G
Specifications
General
ƒ
Button Controls
OSD control pad on front panel with lockable function
Two user-defined contrast/brightness settings
ƒ
Certification
CE, FCC Class A, BSMI, CCC, UL, Energy Star
ƒ
Dimensions (W x H x D) 422 x 310 x 70 mm (16.61" x 12.2" x 2.76")
ƒ
Enclosure
Front panel: Aluminum with hard anodizing coating
Rear cover: Stainless steel
Ground Isolation Protection
ƒ
Mounting
Panel, wall, desktop, VESA arm, or 19" rackmount with
optional mounting kit
ƒ
Power Input
Phoeni x Jack: 24 VDC input
DC Jack: e x ternal 57 W power adapter, with
100 ~ 240 VAC input and 12 VDC @ 4.75 A output
ƒ
Power Consumption
12W
ƒ
Video Port
VGA & DVI-D Port
ƒ
Weight (Net)
7.73 kg (17.04 lbs)
LCD Display
ƒ
Display Type
XGA TFT LCD
ƒ
Backlight Type
LED
ƒ
Display Size
15"
ƒ
Max. Resolution
1024 x 768
ƒ
Max. Color
16.2M (RGB 8-bit)
ƒ
Viewing Angle (H/V°)
160/140
ƒ
Luminance (cd/m2)
350
ƒ
Backlight Life (hrs)
50,000
ƒ
Contrast Ratio
700:1
ƒ 15" XGA TFT LED LCD with 50,000 backlight life time
ƒ Robust anodized coated aluminum front bezel and stainless steel rear cover
ƒ Supports wide operating temperatures
ƒ Increase reliability by enhanced 5-wire resistive touch sensor
ƒ Anti-glare screen with tempered glass and IP65 certified front panel
ƒ Full enclosure ground isolation protection
ƒ Supports VGA/DVI input, dual touch interfaces and two power inputs
ƒ Front lockable OSD membrane keys with user-defined brightness setting
ƒ Front panel is IP65 compliant
ƒ Supports panel, VESA, wall and desktop stand mounting
Touchscreen (Optional)
ƒ
Driver
Penmount 6000
ƒ
Type
5-wire resistive with enhanced ITO film
ƒ
Interface
USB & RS-232 (Combo)
ƒ
Lifespan
36 million with a silicone rubber R8 finger,
writing rate is by 250g at 2 times/s
ƒ
Light Transmission
> 80%
ƒ
OS Support
Windows XP,Vista,7,8,XPe,CE and Linu x
ƒ
Power Consumption
+5 V @ 100 mA
ƒ
Touch Resolution
Linearity
Environment
ƒ
Operation Temperature -20 ~ 60°C (-4 ~ 140°F)
ƒ
Storage Temperature
-30 ~ 80°C (-22 ~ 176°F)
ƒ
Humidity (Storage)
10 ~ 95% non-condensing
ƒ
Waterproof
Front panel is IP65 compliant
ƒ
Shock
11ms, 10G (Non Operating, Half Sine Wave)
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
ƒ
FPM-3151G-X0AE
15" XGA Ind. Monitor with Wide Temp
ƒ
FPM-3151G-R3AE
15" XGA Ind. Monitor w/ Wide Temp, Resistive TS
ƒ
FPM-3151SR-R3AE
15" XGA Ind. Monitor w/ Sunlight Readable Display
15" XGA Industrial Monitor with
Resistive Touchscreen, Direct-VGA, DVI
Ports, and Wide Operating Temperature
Introduction
The FPM-3151G is a particularly rugged and reliable 15" XGA wide temperature industrial monitor for a variety of industry applications. Equipped with a hard anodized coating, stainless
steel chassis, and -20 to 60°C operating temperature, it can satisfy demands in a wide range of harsh industrial applications. This model also features enhanced 5-wire resistive touch
and system ground isolation protection to enhance the reliability. FPM-3151G also provides lockable OSD keys on the front panel with two user-defined contrast/brightness settings.
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - FPM-3151G-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3151G-R3BE ADVANTECH-FPM-3151G-R3BE Datasheet
452Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
27-Jun-2018
More results

Similar Description - FPM-3151G-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-2150G ADVANTECH-FPM-2150G Datasheet
231Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3150G ADVANTECH-FPM-3150G Datasheet
651Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5151G ADVANTECH-FPM-5151G Datasheet
505Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-2150G ADVANTECH-FPM-2150G_15 Datasheet
335Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3121G ADVANTECH-FPM-3121G_15 Datasheet
340Kb / 2P
12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
FPM-3171G ADVANTECH-FPM-3171G_15 Datasheet
286Kb / 2P
8U Rackmount 17" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports, and Wide Operating Temperature Range
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191S ADVANTECH-FPM-3191S_15 Datasheet
327Kb / 2P
19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3121G ADVANTECH-FPM-3121G Datasheet
379Kb / 2P
12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
18-Feb-2022
FPM-3151G ADVANTECH-FPM-3151G Datasheet
452Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com