Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3171G-R3AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-3171G-R3AE
Description  8U Rackmount 17" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports, and Wide Operating Temperature Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3171G-R3AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-3171G-R3AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3171G-R3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automation Panels
Features
FPM-3171G
8U Rackmount 17" SXGA Industrial
Monitor with Resistive Touchscreen,
Direct-VGA and DVI Ports, and Wide
Operating Temperature Range
Specifications
General
ƒ
Button Controls
OSD (Onscreen Display) control pad on front panel
ƒ
Certification
BSMI, CCC, CE, FCC Class A, UL
ƒ
Dimensions (W x H x D) 482 x 354.8 x 63.9 mm (18.98" x 13.97" x 2.52")
ƒ
Enclosure
Front panel: Aluminum with coating
Rear cover: Stainless steel chassis
*Mounting holes on rear cover are designed for PWR-246E DC Source
ƒ
Mounting
Panel, wall, desktop, VESA arm & 19" rackmount
ƒ
Power Input
Phoeni x Jack: 24 VDC input
DC Jack: e x ternal 57 W power adapter, with 100 ~ 240
VAC input and 12 VDC @ 4.75 A output
Note: AC power adapter is included.
ƒ
Power Consumption
35 W + 20%
ƒ
Video Port
VGA & DVI-D port
ƒ
Weight (Net)
9.25 kg (20.39 Ibs)
LCD Display
ƒ
Display Type
'SXGA TFT LCD with LED backlight
ƒ
Display Size
17"
ƒ
Max. Resolution
1280 x 1024
ƒ
Max. Color
16.7 M
ƒ
Viewing Angle (H/V°)
160/140
ƒ
Luminance (cd/m2)
350
ƒ
Backlight Life (hrs)
50,000
ƒ
Contrast Ratio
1000:1
ƒ 17" SXGA TFT LED LCD with 50,000 hours of backlight life
ƒ Robust design with stainless steel chassis and aluminum front panel
ƒ Anti-glare screen with tempered glass and IP65 certified front panel
ƒ Lockable OSD control pad on rear cover
ƒ Supports industrial 24VDC power input
ƒ Supports panel, wall, desktop, rack or VESA arm mounting
ƒ Supports 8U pre-drill Rackmount mounting hole
Touchscreen (Optional)
ƒ
Type
5-wire Resistive
ƒ
Interface
RS-232 and USB
ƒ
Lifespan
35 million touches at a single point
ƒ
Light Transmission
80% ±5
ƒ
OS Support
Windows XP,Vista,7,8,XPe,CE and Linu x
ƒ
Power Consumption
+5 V @ 100 mA
ƒ
Touch Resolution
Linearity
Environment
ƒ
Operation Temperature -20 ~ 60°C (-4 ~ 140°F)
ƒ
Storage Temperature
-30 ~ 80°C (-22 ~ 176°F)
ƒ
Humidity (Storage)
95% @ 60°C . non-condensing
ƒ
Waterproof
Front panel is IP65 compliant
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Introduction
FPM-3171G is a 17"color TFT LCD flat panel monitor specifically designed for industrial applications. With a viewing size as large as 17", it presents an simple display area as well
as vivid and sharp images for your HMI. It features direct VGA signal transmission. You can thus upgrade the displays without making changes to the e x isting system. The onscreen
display function also makes it easy to adjust the images on the screen. The whole chassis is designed in stainless steel and the front panel is made of aluminum with front panel
IP65 compliance.
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - FPM-3171G-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3171G-R3BE ADVANTECH-FPM-3171G-R3BE Datasheet
352Kb / 2P
8U Rackmount, 17 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and a Wide Operating Temperature Range
27-Jun-2018
More results

Similar Description - FPM-3171G-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3171G ADVANTECH-FPM-3171G Datasheet
666Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G Datasheet
730Kb / 2P
19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5171G ADVANTECH-FPM-5171G Datasheet
512Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-2170G ADVANTECH-FPM-2170G Datasheet
271Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G ADVANTECH-FPM-2170G_15 Datasheet
356Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3151G ADVANTECH-FPM-3151G_15 Datasheet
368Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G_15 Datasheet
326Kb / 2P
9U Rackmount 19" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports
FPM-3191S ADVANTECH-FPM-3191S_15 Datasheet
327Kb / 2P
19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3171G ADVANTECH-FPM-3171G_V01 Datasheet
352Kb / 2P
8U Rackmount, 17 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and a Wide Operating Temperature Range
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com