Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3191S-R3BE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-3191S-R3BE
Description  19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3191S-R3BE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-3191S-R3BE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3191S-R3BE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Panel Cut-out Dimensions: 444 x 376.4 mm (17.48" x 14.82")
FPM-3191S
Accessories
ƒ
PWR-247-BE
Ind. DC to DC w/24-48 VDC 1.4-2.9A In 12 VDC 5A Out
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596
Power Cable China/Australia Plug 1.8 M
I/O View
Front View
On/Off
Auto/Exit
+
-
Menu/Sel
Source
Status LED
489.20 [19.26]
9.00 [0.35]
68.00 [2.68]
439.00 [17.28]
100.00 [3.94]
75.00 [2.95]
M4
M4
M4
M4
M4
M4
M4
M4
Touchscreen (RS-232)
Power Connector
Phoenix Jack: 24 VDC
T/S USB Port
DVI-D
VGA Port
Dimensions
Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com