Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-5192G-R2AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-5192G-R2AE
Description  15" XGA / 17" SXGA / 19" SXGA Industrial Monitors with Resistive Touchscreens, Lockable Display Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-5192G-R2AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-5192G-R2AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-5192G-R2AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
FPM-5152G
FPM-5172G
FPM-5192G
15" XGA / 17" SXGA / 19" SXGA
Industrial Monitors with Resistive
Touchscreens, Lockable Display Port
ƒ 15" XGA or 17" / 19" SXGA TFT LED LCD with 50,000 backlight life time
ƒ Lockable display port input interface
ƒ Lockable OSD keys with 2 user-defined contrast/brightness settings
ƒ Flat-sealed front panel and IP65 certified front panel
ƒ Robust design with anti-rust chassis and aluminum die-cast front panel
ƒ Front accessible USB connector
ƒ USB interface for touchscreen function
ƒ Supports industrial 18-32VDC power input with Phoeni x jack
ƒ Supports panel, wall, desktop, rack or VESA arm mounting
Introduction
The FPM-5000G series provides 15", 17" and 19" color TFT LCD with LED backlight flat panel monitors specifically designed for industrial applications. With a viewing size from
15" to 19", they present ample display areas as well as vivid and sharp images. It features display port signal transmission and onscreen display allows users to adjust the images
on the screen. The front access USB connector provides easy access the controller, and the industrial 18-32VDC wide range power support makes this product an e x cellent option
for Factory and Machine Automation display solutions.
Specifications
General
ƒ
Button Controls
OSD control pad on rear side with lockable function
ƒ
Certification
BSMI, CCC, CE, FCC Class B, UL
ƒ
Dimensions (W x H x D) 5152G: 449.92 x 315.63 x 50.5 mm
(17.71" x 12.43" x 1.99")
5172G: 481.9 x 355.9 x 55 mm
(18.97" x 14.01" x 2.17")
5192G: 481.93 x 384.6 x 59 mm
(18.97" x 15.14" x 2.32")
ƒ
Enclosure
Front panel: Aluminum and flat-sealed
Rear cover: Anti-rust coating
ƒ
Mounting
Panel, wall, desktop, VESA arm, or 19" rackmount
ƒ
Power Input
Phoeni x Jack 18 ~ 32VDC input
Optional e x ternal 48 W power adapter, with AC 100 V
~240 V input and DC18-32 V @ma x 3.3A output
ƒ
USB
Front USB access for e x tension
ƒ
Video Port
Lockable display port
ƒ
Weight (Net)
6 kg (13.22 lbs) / 8 kg (17.63 lbs) / 10 kg (22.04 lbs)
LCD Display
ƒ
Display Type
XGA/ SXGA/ SXGA TFT LCD LED backlight
ƒ
Display Size
15"/ 17"/ 19"
ƒ
Max. Resolution
1024 x 768 / 1280 x 1024 / 1280 x 1024
ƒ
Max. Color
16.2M / 16.7M / 16.7M
ƒ
Viewing Angle (H/V°)
160/140; 170/160; 170/160
ƒ
Luminance (cd/m2)
350
ƒ
Backlight Life (hrs)
50,000
ƒ
Contrast Ratio
700:1/1000:1 /1000:1
Touchscreen
ƒ
Sensor
AMT
ƒ
Driver
Penmount 6000
ƒ
Type
5-wire Resistive
ƒ
Interface
USB
ƒ
Light Transmission
> 80%
ƒ
OS Support
Windows XP,Vista,7,8,XPe,CE and Linu x
ƒ
Touch Resolution
Linearity
Environment
ƒ
Operation Temperature 0 ~ 50°C (32 ~ 122°F)
ƒ
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
ƒ
Humidity (Storage)
10 ~ 90% non-condensing
ƒ
Waterproof
Front panel is IP65 compliant
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
ƒ
FPM-5192G-R2AE
19" SXGA Ind. DP Monitor w/Resistive TS (USB)
ƒ
FPM-5172G-R2AE
17" SXGA Ind. DP Monitor w/Resistive TS (USB)
ƒ
FPM-5152G-R2AE
15" XGA Ind. DP Monitor w/Resistive TS (USB)
All product specifications are subject to change without notice
Last updated : 20-Mar-2014


Similar Part No. - FPM-5192G-R2AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-5192G ADVANTECH-FPM-5192G Datasheet
364Kb / 2P
15
More results

Similar Description - FPM-5192G-R2AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-5152G ADVANTECH-FPM-5152G Datasheet
364Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touchscreens, Display Port
FPM-5172G ADVANTECH-FPM-5172G Datasheet
364Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touchscreens, Display Port
IDK-1119R ADVANTECH-IDK-1119R Datasheet
948Kb / 2P
19" SXGA Industrial Display kit with Touch Solution
FPM-2170G ADVANTECH-FPM-2170G Datasheet
271Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G ADVANTECH-FPM-2170G_15 Datasheet
356Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
IDK-1119 ADVANTECH-IDK-1119 Datasheet
948Kb / 2P
19 SXGA Industrial Display kit with Touch Solution
6-Dec-2012
FPM-212 ADVANTECH-FPM-212 Datasheet
509Kb / 2P
12 XGA/15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
25-Oct-2021
FPM-5191G ADVANTECH-FPM-5191G Datasheet
404Kb / 2P
15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct VGA, and DVI Ports
27-Jun-2018
FPM-715 ADVANTECH-FPM-715 Datasheet
473Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
TPC-B200 ADVANTECH-TPC-B200_V01 Datasheet
294Kb / 3P
Interchangeable Display Modules with 12" XGA / 15" XGA / 17" SXGA/ 19" SXGA / 15.6" FHD / 18.5" HD / 21.5" FHD / 23.8" FHD
4-Jan-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com