Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-5152G-R2AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-5152G-R2AE
Description  15" XGA / 17" SXGA / 19" SXGA Industrial Monitors with Resistive Touchscreens, Lockable Display Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-5152G-R2AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-5152G-R2AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-5152G-R2AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: [mm]
FPM-5152G / FPM-5172G / FPM-5192G
Accessories
ƒ
FPM-5151G-SMKE
FPM-5151G/5171G Stand Kit
ƒ
FPM-5191G-SMKE
FPM-5191G Stand Kit
ƒ
IPPC-6152A-RMKE
IPPC-6152A/FPM-5151G Rack Mount Kit
ƒ
IPPC-6172A-RMKE
IPPC-6172A/FPM-5171G Rack Mount Kit
ƒ
IPPC-6192A-RMKE
IPPC-6192A/FPM-5191G Rack Mount Kit
ƒ
1757002321
ADAPTER 100-240V 63W 24V 2.62A IPU63-108
SINPRO
Note: VESA mounting screw length: M4 x 10mm
Back View
I/O View
Front Accessible USB Port
LCD OSD Control Keys
Wallmount
TS Interface -
USB Port
18-32 VDC Power Input
with Phoeni x Jack
Display Port
Panel Mount
VESA Mount
Panel Cut-out Dimensions: FPM-5152G: 424 x 293 (16.69" x 11.54")
FPM-5172G: 454 x 338 (17.87" x 13.31")
FPM-5192G: 454 x 338 (17.87" x 13.31")
Panel Mount
FPM-5152G: 449.92 [17.71]
FPM-5172G: 481.93 [18.97]
FPM-5192G: 481.93 [18.97]
FPM-5152G: 50.50 [2.00]
FPM-5172G: 55.00 [2.17]
FPM-5192G: 59.00 [2.32]
100.00 [3.94]
75.00 [2.95]
FPM-5152G: 6.00 [0.24]
FPM-5172G: 6.00 [0.24]
FPM-5192G: 7.00 [0.28]
M4
M4
M4
M4
M4
M4
M4
M4
257.50 [10.14]
FPM-5152G: 422.40 [16.63]
FPM-5172G: 449.97 [17.72]
FPM-5192G: 445.92 [17.56]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com