Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1810ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1810ESA
Description  Network Interface Card Smart Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1810ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1810ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1810ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1810ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1810ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1810ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1810ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1810ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1810ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Network Interface Card Smart Regulator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VMAIN = VSTBY = +5.0V, VAUX = +3.3V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
MAIN, STBY, AUX, OUT to GND ...........................-0.3V to +6.0V
OUT to AUX ...........................................................-0.3V to +6.0V
OUT Maximum Output Current .......................................1750mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 11.75mW/°C above +70°C)..............900mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAIN or STBY Input Range
4.5
5.5
V
AUX Input Range
3.0
3.6
V
Maximum Load Current
500
mA
MAIN or STBY Quiescent Current
IOUT = 10mA
0.75
3mA
AUX Quiescent Current
VMAIN = VSTBY = 0, VAUX = +3.6V
0.2
0.5
mA
Reverse Leakage from AUX to
MAIN or STBY
VAUX = +3.6V, VMAIN or VSTBY = 0
1
20
µA
Reverse Leakage from MAIN or
STBY to AUX
VAUX = 0, VMAIN or VSTBY = +5.5V
1
100
µA
OUT Load Capacitance
COUT ESR < 50m
Ω
1
µF
MAIN or STBY Detect Threshold
MAIN or STBY falling
3.925
4.100
4.275
V
MAIN or STBY High Threshold
MAIN or STBY rising
4.475
V
MAIN or STBY Hysteresis
150
mV
OUT Voltage
+4.5V < (VMAIN or VSTBY) < +5.5V, 0 < IOUT < 400mA
3.234
3.3
3.366
V
OUT Line Regulation
+4.5V< (VMAIN or VSTBY) < +5.5V
0.01
%
OUT Load Regulation
IOUT = 30mA to 400mA, VMAIN or VSTBY = +5V
0.22
%
AUX to OUT Voltage Drop
IOUT = 400mA
72
118
mV
AUX Switch Resistance
MAIN = STBY = GND
0.180
0.295
Ω
AUX Disable Threshold
2.5
2.8
V
Thermal Shutdown
170
°C
Thermal Shutdown Hysteresis
20
°C
Current-Limit Threshold
VAUX = VOUT = 0
520
900
1750
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com