Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIR08152S Datasheet(PDF) 7 Page - International Rectifier

Part # AUIR08152S
Description  BUFFER GATE DRIVER INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIR08152S Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIR08152S Datasheet HTML 3Page - International Rectifier AUIR08152S Datasheet HTML 4Page - International Rectifier AUIR08152S Datasheet HTML 5Page - International Rectifier AUIR08152S Datasheet HTML 6Page - International Rectifier AUIR08152S Datasheet HTML 7Page - International Rectifier AUIR08152S Datasheet HTML 8Page - International Rectifier AUIR08152S Datasheet HTML 9Page - International Rectifier AUIR08152S Datasheet HTML 10Page - International Rectifier AUIR08152S Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AUIR08152S
7
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
August. 27, 2014
Application Tips
The AUIR08152S features a self-clamping gate protection in case of the auxiliary power supply disappears.
A resistor is pulling up the gate of the OUTL internal power MOSFET to keep OutL pulled down until a minimum
Vcc is applied, when Vcc disappears (< about 3V) then the Vgate is clamped via the OUTH ESD diode.
In this situation forcing OutL high injects current into the pin that charges the Vcc decoupling capacitor and
reactivates the internal OUTL output power MOSFET (for more info see the Functional Block Diagram).
a)
If no negative bias is used, Vee shall be connected to Gnd
b)
OUTH and OUTL pins shall never be shorted together
c)
Decoupling capacitors shall be ceramic types and implemented
as close as possible of the AUIR08152S supply pins
d)
The decoupling capacitors shall be at least 40 times bigger than
the max. Cload and of low ESR type, in order to avoid any Vccuv
oscillations
e)
IN and LPM pins shall never be left open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com