Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMD6N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # UMD6N
Description  Dual NPNPNP Digital Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

UMD6N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  UMD6N_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH UMD6N_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UMD6N
Dual NPN+PNP Digital Transistors
(Built-in Resistors)
Elektronische Bauelemente
30-Jun-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
DTA143T(PNP) and DTC143T(NPN) transistors
are built-in a package.
Transistor elements are independent, eliminating
interference.
Mounting cost and area can be cut in half.
EQUIVALENT CIRCUIT
MARKING:D6
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Value
Unit
Collector-base voltage
V(BR)CBO
50
V
Collector-emitter voltage
V(BR)CEO
50
V
Emitter-base voltage
V(BR)EBO
5
V
Collector current
IC
100
mA
Collector Power dissipation
PC
150
mW
Junction & Storage temperature
TJ, TSTG
150, -55 ~ 150
℃
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS at Ta = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
50
-
-
V
IC= 50A
Collector-emitter breakdown voltage
V(BR)CEO
50
-
-
IC= 1mA
Emitter-base breakdown voltage
V(BR)EBO
5
-
-
V
IE= 50A
Collector cut-off current
ICBO
-
-
0.5
A
VCB= 50V
Emitter cut-off current
IEBO
-
-
0.5
A
VEB= 4V
Collector-emitter saturation voltage
VCE(sat)
-
-
0.3
V
IC= 5mA, IB= 0.25mA
DC current transfer ratio
hFE
100
-
600
VCE= 5V, IC= 1mA
Input resistance
R1
3.29
4.7
6.11
K
Transition frequency
fT
-
250
-
MHz
VCE= 10V, IE= -5mA,
f=100MHz

REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.00
2.20
G
0.100 REF.
B
2.15
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.15
D
0.90
1.10
K
8°
E
1.20
1.40
L
0.650 TYP.
F
0.15
0.35
SOT-363
B
L
F
H
C
J
D G
K
A
E


Similar Part No. - UMD6N_15

ManufacturerPart #DatasheetDescription
logo
Rohm
UMD6NFHA ROHM-UMD6NFHA Datasheet
1Mb / 8P
General purpose (Dual digital transistor)
UMD6NTR ROHM-UMD6NTR Datasheet
516Kb / 8P
NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - UMD6N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UMD6N SECOS-UMD6N Datasheet
130Kb / 2P
Dual NPNPNP Digital Transistors
logo
Shenzhen Jin Yu Semicon...
EMD9 HTSEMI-EMD9 Datasheet
627Kb / 2P
dual digital transistors (NPN PNP)
logo
SeCoS Halbleitertechnol...
UMH13N SECOS-UMH13N_15 Datasheet
131Kb / 1P
Dual NPNPNP Digital Transistors
logo
Jiangsu Changjiang Elec...
EMD9 JIANGSU-EMD9 Datasheet
3Mb / 4P
Dual Digital Transistors (NPNPNP)
EMD6 JIANGSU-EMD6 Datasheet
7Mb / 5P
Dual Digital Transistors (NPNPNP)
EMD3 JIANGSU-EMD3 Datasheet
6Mb / 5P
Dual Digital Transistors (NPNPNP)
EMD22 JIANGSU-EMD22 Datasheet
4Mb / 4P
Dual Digital Transistors (NPNPNP)
EMD12 JIANGSU-EMD12 Datasheet
5Mb / 6P
Dual Digital Transistors (NPNPNP)
EMD10 JIANGSU-EMD10 Datasheet
4Mb / 4P
Dual Digital Transistors (NPNPNP)
logo
Micro Commercial Compon...
UMC5N MCC-UMC5N Datasheet
453Kb / 5P
NPNPNP DUAL DIGITAL TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com