Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT04 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT04
Description  Hex inverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT04 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT04_15 Datasheet HTML 1Page - NXP Semiconductors 74ABT04_15 Datasheet HTML 2Page - NXP Semiconductors 74ABT04_15 Datasheet HTML 3Page - NXP Semiconductors 74ABT04_15 Datasheet HTML 4Page - NXP Semiconductors 74ABT04_15 Datasheet HTML 5Page - NXP Semiconductors 74ABT04_15 Datasheet HTML 6Page - NXP Semiconductors 74ABT04_15 Datasheet HTML 7Page - NXP Semiconductors 74ABT04_15 Datasheet HTML 8Page - NXP Semiconductors 74ABT04_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product Specification
74ABT04
Hex inverter
2
1995 Sep 18
853-1805 15751
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C;
GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation
delay
An to Yn
CL = 50pF;
VCC =5V
2.2
1.6
ns
tOSLH
tOSHL
Output to
Output skew
VCC = 5V
0.4
ns
CIN
Input
capacitance
VI = 0V or VCC
3
pF
ICC
Total supply
current
Outputs disabled;
VCC = 5.5V
50
µA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
Y4
A3
Y3
A4
A5
Y5
A0
Y0
Y2
A1
Y1
A2
SA00338
LOGIC SYMBOL
46
8
10
13
5
9
11
13
VCC = Pin 14
GND = Pin 7
SA00339
A0
A1 A2 A3 A4 A5
2
Y0Y1Y2Y3Y4Y5
12
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
SA00340
2
4
6
8
10
12
Y0
Y1
Y2
Y3
Y4
Y5
1
3
5
9
11
13
A0
A1
A2
A3
A4
A5
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1, 3, 5, 9,
11, 13
An
Data inputs
2, 4, 6, 8,
10, 12
Yn
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
13
1
SF00014
12
11
10
9
8
5
6
3
4
1
2
FUNCTION TABLE
INPUTS
OUTPUT
An
Yn
L
H
H
L
NOTES:
H = High voltage level
L
= Low voltage level
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic DIP
–40
°C to +85°C
74ABT04 N
74ABT04 N
SOT27-1
14-Pin plastic SO
–40
°C to +85°C
74ABT04 D
74ABT04 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT04 DB
74ABT04 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT04 PW
74ABT04PW DH
SOT402-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com