Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT5HTF Datasheet(PDF) 1 Page - Central Technologies

Part # CT5HTF
Description  Tunable Band Pass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT5HTF Datasheet(HTML) 1 Page - Central Technologies

  CT5HTF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 12.14.12
Tunable Band Pass Filter - Triple Tuned www.ctparts.com
CT5HTF
Series
SPECIFICATIONS
Center
Bandwith @ -3dB
Insertion
Return
Impedance
Torque for
Input
Part
Frequency
(MHz)
F
o - 50MHz
F
o + 50MHz
Ripple
Loss
Loss
In/Out
Turning Screw
Power
Number
(MHz)
Typ.
(dB) Typ.
(dB) Typ.
(dB) Max.
(dB) Max.
(dB) Min.
(W)
(gf*cm) Min.
(W) Min.
CT5HTF-360
360
20
33
25
1
4.0
12
50
60
1
CT5HTF-380
380
20
40
26
1
4.0
12
50
60
1
CT5HTF-400
400
15
34
31
1
4.0
12
50
60
0.5
CT5HTF-420
420
16
55
27
1
4.0
12
50
60
0.5
CT5HTF-440
440
18
28
25
1
4.0
12
50
60
0.5
CT5HTF-460
460
18
28
25
1
4.0
12
50
60
0.5
CT5HTF-480
480
18
30
25
1
4.0
12
50
60
1
CT5HTF-495
495
20
30
25
1
4.0
12
50
60
0.5
CT5HTF-515
515
20
36
25
1
4.0
12
50
60
1
CT5HTF-520
520
14
25
22
1
4.0
12
50
60
1
CT5HTF-590
590
18
27
25
1
4.0
12
50
60
1
CT5HTF-635
635
18
30
26
1
4.0
12
50
60
1
CT5HTF-655
655
16
30
26
1
4.0
12
50
60
1
CT5HTF-705
705
20
30
22
1
4.0
12
50
60
0.5
CT5HTF-735
735
20
28
20
1
4.0
12
50
60
0.5
CT5HTF-800
800
20
28
24
1
4.0
12
50
60
1
CT5HTF-830
830
20
24
20
1
4.0
12
50
60
1
CT5HTF-880
880
20
24
20
1
4.0
12
50
60
1
CT5HTF-945
945
20
22
18
1
4.5
12
50
100
0.5
CT5HTF-980
980
20
22
18
1
4.5
12
50
60
1
CT5HTF-1010
1010
20
18
14
1
4.5
12
50
60
1
CT5HTF-1055
1055
20
18
14
1
5.0
12
50
60
1
CT5HTF-1090
1090
20
17
15
1
5.0
12
50
60
1
CT5HTF-1125
1125
20
35
27
1
4.5
12
50
60
0.5
CT5HTF-1230
1230
20
20
16
1
5.0
12
50
60
1
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PIN POSITION
Description: Tunable Band Pass Filters - Triple Tuned.
Applications: Digital Broadcast Satellite, CATV, Cellular Mobile Telecom,
Wireless Satellite Network, etc.
Operating Temperature: 0°C to +60°C
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
5.55
8.6 Typ.
3.7
3.6
ø0.50
0.20
Output
Input
GND
GND
GND
GND
Output
Output
GND
GND
Input
Input
Selectivity
Unit: mm
360MHz
to
515MHz
520MHz
to
1090MHz
1125MHz
to
1230MHz


Similar Part No. - CT5HTF

ManufacturerPart #DatasheetDescription
logo
AUER Signal GmbH
CT5-Q01 AUERSIGNAL-CT5-Q01 Datasheet
617Kb / 4P
Modul-Compete 50 modular Signal tower
CT5-Q02 AUERSIGNAL-CT5-Q02 Datasheet
617Kb / 4P
Modul-Compete 50 modular Signal tower
CT5-Q05 AUERSIGNAL-CT5-Q05 Datasheet
617Kb / 4P
Modul-Compete 50 modular Signal tower
logo
LEM
CT5-T LEM-CT5-T Datasheet
56Kb / 2P
Current Transducers CT 5-T
CT5-T LEM-CT5-T Datasheet
190Kb / 3P
Current Transducer
More results

Similar Description - CT5HTF

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC891LP5E HITTITE-HMC891LP5E_09 Datasheet
689Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC897LP4E HITTITE-HMC897LP4E Datasheet
1,013Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 9 - 19 GHz
HMC894LP5E HITTITE-HMC894LP5E Datasheet
1Mb / 10P
FILTER - TUNABLE, BAND PASS SMT 5.9 - 11.2 GHz
HMC890LP5E_1007 HITTITE-HMC890LP5E_1007 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
HMC891LP5E_1007 HITTITE-HMC891LP5E_1007 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC895LP4E HITTITE-HMC895LP4E Datasheet
960Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 6.8 - 12.6 GHz
HMC899 HITTITE-HMC899 Datasheet
907Kb / 8P
FILTER - TUNABLE, BAND PASS 19 - 38 GHz
HMC895LP4E HITTITE-HMC895LP4E_12 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT
HMC897 HITTITE-HMC897_12 Datasheet
805Kb / 8P
FILTER - TUNABLE, BAND PASS
logo
Analog Devices
ADMV8913-EP AD-ADMV8913-EP Datasheet
521Kb / 23P
X Band, Digitally Tunable, High-Pass Filter and Low-Pass Filter
Rev. 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com