Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1008LSF Datasheet(PDF) 1 Page - Central Technologies

Part # CT1008LSF
Description  SMD Wire-wound Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT1008LSF Datasheet(HTML) 1 Page - Central Technologies

  CT1008LSF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.09.09
SMD Wire-wound Chip Inductors
www.ctparts.com
CT1008LSF
Series
From 1.0 µH to 15 µH
SPECIFICATIONS
Please specify tolerance code when ordering.
CT1008LSF-122_
J = ±5%, K = ±10%, M = ±20%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Typ.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(W)
(mA)
CT1008LSF-102_
1.0
7.9
48
50
230
0.62
700
CT1008LSF-122_
1.2
7.9
48
50
210
0.68
650
CT1008LSF-152_
1.5
7.9
41
50
190
0.76
630
CT1008LSF-182_
1.8
7.9
39
50
170
0.84
600
CT1008LSF-222_
2.2
7.9
34
50
150
1.10
520
CT1008LSF-272_
2.7
7.9
34
50
135
1.28
490
CT1008LSF-332_
3.3
7.9
32
50
120
1.46
450
CT1008LSF-392_
3.9
7.9
32
7.9
105
1.56
420
CT1008LSF-472_
4.7
7.9
31
7.9
90
1.68
400
CT1008LSF-562_
5.6
7.9
31
7.9
80
1.82
380
CT1008LSF-682_
6.8
7.9
31
7.9
70
2.00
360
CT1008LSF-822_
8.2
7.9
23
7.9
65
2.65
330
CT1008LSF-103_
10
7.9
31
7.9
60
2.95
300
CT1008LSF-153_
15
7.9
35
7.9
38
2.40
450
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD ferrite core wire-wound chip inductor.
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment.
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±5%, ±10%, ±20%
Testing: Inductance and Q are tested on an HP4286A at
specified frequency.
Packaging: Tape & Reel, 2,000 parts per reel.
Miscellaneous: RoHS Compliant.
Marking: Parts are marked with color dots (nH).
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
B
C
A
D
F
F
G
terminal
E
overall
A
B
C
D
E
F
G
Max.
Max.
Max.
2.99
2.79
2.2
0.70
1.52
0.51
2.03
0.118
0.110
0.087
0.028
0.060
0.020
0.080
Size
mm
inches
2.54
(0.100)
1.02
(0.040)
1.02
(0.040)
1.27
(0.050)
Unit: mm
(inch)
PAD LAYOUT


Similar Part No. - CT1008LSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT1008LSF-102J CT-CT1008LSF-102J Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LSF-102K CT-CT1008LSF-102K Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LSF-102M CT-CT1008LSF-102M Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LSF-103J CT-CT1008LSF-103J Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LSF-103K CT-CT1008LSF-103K Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
More results

Similar Description - CT1008LSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0603LS CT-CT0603LS Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT1008CSF CT-CT1008CSF Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LS CT-CT1008LS Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1206CSF CT-CT1206CSF Datasheet
160Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSC CT-CT1210LSC Datasheet
183Kb / 1P
SMD Wire-wound Chip Inductors
CT0402HPF CT-CT0402HPF Datasheet
398Kb / 1P
SMD Wire-wound Chip Inductors
CT0603LSF CT-CT0603LSF Datasheet
500Kb / 1P
SMD Wire-wound Chip Inductors
CT0805HQF CT-CT0805HQF Datasheet
367Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSCF CT-CT1210LSCF Datasheet
405Kb / 1P
SMD Wire-wound Chip Inductors
CT1812CSF CT-CT1812CSF Datasheet
189Kb / 1P
SMD Wire-wound Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com