Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCB Datasheet(PDF) 1 Page - Central Technologies

Part # CTCB
Description  Chip Beads - Multi-layer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCB Datasheet(HTML) 1 Page - Central Technologies

  CTCB Datasheet HTML 1Page - Central Technologies CTCB Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Beads - Multi-layer
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
12.26.12
Test
DCR
Part
Impedance
Freq.
Max.
IDC
Number
(
Ω
Ω±25%)
(MHz)
(
Ω
Ω)
(mA)
CTCB0402F-100H
10
100
.20
200
CTCB0402F-400H
40
100
.40
150
CTCB0402F-470H
47
100
.30
400
CTCB0402F-800H
80
100
.60
100
CTCB0402F-121H
120
100
.80
50
CTCB0603F-060H
6
100
.05
500
CTCB0603F-100H
10
100
.07
400
CTCB0603F-400H
40
100
.30
300
CTCB0603F-600H
60
100
.30
300
CTCB0603F-800H
80
100
.40
300
CTCB0603F-121H
120
100
.40
300
CTCB0603F-241H
240
100
.40
200
CTCB0603F-301H
300
100
.50
200
CTCB0603F-481H
480
100
.60
150
CTCB0603F-601H
600
100
.60
100
CTCB0603F-102H
1000
100
.70
100
CTCB0805F-060H
6
100
.70
800
CTCB0805F-110H
11
100
.10
700
CTCB0805F-260H
26
100
.20
600
CTCB0805F-320H
32
100
.20
600
CTCB0805F-600H
60
100
.30
500
CTCB0805F-750H
75
100
.30
500
CTCB0805F-900H
90
100
.30
500
CTCB0805F-121H
120
100
.40
400
CTCB0805F-151H
150
100
.40
400
CTCB0805F-171H
170
100
.50
400
CTCB0805F-221H
220
100
.50
300
CTCB0805F-301H
300
100
.50
300
CTCB0805F-401H
400
100
.50
300
CTCB0805F-501H
500
100
.50
200
CTCB0805F-601H
600
100
.50
200
CTCB0805F-751H
750
100
.40
200
CTCB0805F-102H
1000
100
.60
100
CTCB0805F-122H
1200
100
.70
100
CTCB0805F-152H
1500
100
.70
100
CTCB0805F-222H
2200
100
.75
100
CTCB1206F-320H
32
100
.20
600
CTCB1206F-600H
60
100
.30
500
CTCB1206F-800H
80
100
.30
500
CTCB1206F-900H
90
100
.30
500
CTCB1206F-121H
120
100
.40
400
CTCB1206F-151H
150
100
.40
400
CTCB1206F-201H
200
100
.50
300
CTCB1206F-221H
220
100
.50
300
CTCB1206F-351H
350
100
.60
300
CTCB1206F-401H
400
100
.60
300
CTCB1206F-601H
600
100
.80
300
CTCB1206F-122H
1200
100
1.0
200
CTCB1206F-152H
1500
100
1.2
150
SPECIFICATIONS
Parts are available in ±25% tolerance only.
CTCBF Series
High Speed
From 6
Ω
Ω to 2,200 Ω
Ω
Not shown at actual size.
CHARACTERISTICS
Description: High Speed multi-layer ferrite chip beads
Applications: Noise suppression in computer peripherals,
telecommunication equipment, data communication equipment and
other consumer electronics
Operating Temperature: -40°C to +125°C
Impedance Range:
CTCB0402F: 10-120
Ω
CTCB0603F: 6-1000
Ω
CTCB0805F: 6-2200
Ω
CTCB1206F: 32-1500
Ω
Testing: Impedance is tested on an HP4287A at 100 MHz
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Marking: Reels marked with part number
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTCB

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCB0402F-060H CT-CTCB0402F-060H Datasheet
427Kb / 2P
Chip Beads - Multi-layer
CTCB0402F-060S CT-CTCB0402F-060S Datasheet
492Kb / 2P
Chip Beads - Multi-layer
CTCB0402F-100H CT-CTCB0402F-100H Datasheet
427Kb / 2P
Chip Beads - Multi-layer
CTCB0402F-100P CT-CTCB0402F-100P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTCB0402F-100S CT-CTCB0402F-100S Datasheet
492Kb / 2P
Chip Beads - Multi-layer
More results

Similar Description - CTCB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML0402 ABRACON-ACML0402 Datasheet
100Kb / 2P
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
ACML-1206 ABRACON-ACML-1206 Datasheet
63Kb / 1P
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
logo
KOA Speer Electronics, ...
CZB1EFT KOA-CZB1EFT Datasheet
631Kb / 15P
Multi Layer Ferrite Chip Beads
logo
Central Technologies
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
Chip Beads - Multi-layer
CTCBF CT-CTCBF Datasheet
356Kb / 1P
Chip Beads - Multi-layer
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
Chip Beads - Multi-layer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com