Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCBF Datasheet(PDF) 1 Page - Central Technologies

Part # CTCBF
Description  Chip Beads - Multi-layer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCBF Datasheet(HTML) 1 Page - Central Technologies

  CTCBF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 09.20.12
Chip Beads - Multi-layer
www.ctparts.com
CTCBF Series
GHz Band
From 470 Ω to 2700 Ω
SPECIFICATIONS
Impedance
Impedance
DCR
Rated Current
Part
at 100MHz
at 1.0GHz
Max.
Max.
Number
(Ω ±25%)
(Ω ±40%)
(Ω)
(mA)
CTCB0402F-601G
600
1400
0.85
300
CTCB0402F-102G
1000
2000
1.25
250
CTCB0402F-152G
1500
2400
1.80
230
CTCB0402F-182G
1800
2700
2.20
200
CTCB0603F-471G
470
1000
1.0
100
CTCB0603F-601G
600
1200
1.1
100
CTCB0603F-102G
1000
1200
1.6
50
CTCB0603F-152G
1500
1500
1.7
50
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: Multi-layer Chip Beads for GHz band general use.
Applications: Noise suppression in computer peripherals,
telecommunication equipment, data communication equipment
and other consumer electronics.
Operating Temperature: -55°C to +125°C
Testing: Impedance is tested on an HP4287A at the specified
frequency.
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
D
D
Ferrite
C
A
B
Terminal
Electrode
0.4
0.5
1.2~1.4
0.7~0.8
0.6~0.8
1.8~2.0
0402 Size
0603 Size
A
B
C
D
A
B
C
D
1.0±0.10
0.50±0.10
0.50±0.10
0.25±0.10
0.04±0.004
0.02±0.004
0.02±0.004
0.01±0.004
1.6±0.15
0.80±0.15
0.80±0.15
0.30±0.2
0.063±0.006
0.03±0.006
0.03±0.006
0.012±0.008
Size
mm (1005)
inches (0402)
Size
mm (1608)
inches (0603)
Unit: mm


Similar Part No. - CTCBF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
Chip Beads - Multi-layer
More results

Similar Description - CTCBF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML0402 ABRACON-ACML0402 Datasheet
100Kb / 2P
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
ACML-1206 ABRACON-ACML-1206 Datasheet
63Kb / 1P
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
logo
KOA Speer Electronics, ...
CZB1EFT KOA-CZB1EFT Datasheet
631Kb / 15P
Multi Layer Ferrite Chip Beads
logo
Central Technologies
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
Chip Beads - Multi-layer
CTCB CT-CTCB Datasheet
457Kb / 2P
Chip Beads - Multi-layer
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
Chip Beads - Multi-layer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com