Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCM01F Datasheet(PDF) 1 Page - Central Technologies

Part # CTCM01F
Description  SMD Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCM01F Datasheet(HTML) 1 Page - Central Technologies

  CTCM01F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.11.12
SMD Common Mode Choke
www.ctparts.com
CTCM01F
Series
From 60 Ω to 160 Ω
SPECIFICATIONS
Impedance tolerance ±20%
Test
IDC
Rated
DCR
Insulation
Part
Impedance
Freq.
Max.
Voltage
Max.
Resistance
Number
(Ω)
(MHz)
(mA)
(VDC)
(Ω)
Min. (MΩ)
CTCM01F-600M
60
100
300
20
0.40
10
CTCM01F-670M
67
100
300
50
0.25
10
CTCM01F-900M
90
100
250
50
0.30
10
CTCM01F-121M
120
100
200
50
0.40
10
CTCM01F-161M
160
100
160
50
0.43
10
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOuT
Description: SMD Common Mode Choke.
Applications: USB line for personal computers and peripherals,
DVC, STB and LVDS, panel line for liquid display panels, USB3.0,
etc.
Operating Temperature: -40°C to +105°C (includes self temp.
rise)
Impedance Tolerance: ±20%
Testing: Impedance is tested on an HP4287A at 100MHz.
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant. Other values available.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
E
D
1.0
1.75
0.59
0.36
A
B
C
D
E
1.25±0.2
1.00±0.2
0.8±0.1
0.32
0.33
0.050±0.008
0.04±0.008
0.031±0.004
0.0126
0.013
Size
mm
inches
Unit: mm


Similar Part No. - CTCM01F

ManufacturerPart #DatasheetDescription
logo
Clarke International
CTCM400 CLARKE-CTCM400 Datasheet
1Mb / 4P
TILE CUTTER
GC05/25
logo
Central Technologies
CTCMC0905F CT-CTCMC0905F Datasheet
93Kb / 1P
Common Mode Chokes
CTCMD4D06 CT-CTCMD4D06 Datasheet
178Kb / 1P
Power Inductors
CTCMD4D06-100M CT-CTCMD4D06-100M Datasheet
178Kb / 1P
Power Inductors
CTCMD4D06-150M CT-CTCMD4D06-150M Datasheet
178Kb / 1P
Power Inductors
More results

Similar Description - CTCM01F

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACM21 ABRACON-ACM21 Datasheet
151Kb / 1P
SMD COMMON MODE CHOKE
logo
Bourns Electronic Solut...
PM3700-10-RC BOURNS-PM3700-10-RC Datasheet
239Kb / 2P
SMD Common Mode Choke
logo
List of Unclassifed Man...
CMM ETC2-CMM Datasheet
192Kb / 3P
SMD Common Mode Choke
CMMI ETC2-CMMI Datasheet
1Mb / 11P
SMD Common Mode Choke
logo
Central Technologies
CTDLW21SHQF CT-CTDLW21SHQF Datasheet
331Kb / 1P
SMD Common Mode Choke
logo
Allied Components Inter...
ACM6460 ALLIED-ACM6460 Datasheet
308Kb / 1P
SMD Common Mode Choke
logo
Bourns Electronic Solut...
PM3700 BOURNS-PM3700 Datasheet
314Kb / 2P
SMD Common Mode Choke
logo
Allied Components Inter...
ACMC-4461 ALLIED-ACMC-4461 Datasheet
610Kb / 1P
SMD Common Mode Choke
logo
RENCO ELECTRONICS, INC.
RL-9250 RENCO-RL-9250 Datasheet
1Mb / 2P
SMD COMMON MODE CHOKE
logo
Shanghai Leiditech Elec...
LDWI LEIDITECH-LDWI Datasheet
1Mb / 11P
SMD Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com