Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCMC0905F Datasheet(PDF) 1 Page - Central Technologies

Part # CTCMC0905F
Description  Common Mode Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCMC0905F Datasheet(HTML) 1 Page - Central Technologies

  CTCMC0905F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2013 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 05.14.13
Common Mode Chokes
www.ctparts.com
CTCMC0905F
Series
From 10 µH to 6500 µH
SPECIFICATIONS
Part numbers indicate Inductance tolerance available.
N = ±30%, Y = ±50%
Test
Impedance
Z Freq.
DCR
DC Current
Rated
Part
Inductance
Freq.
(
Ω)
Range
(
Ω)
(A)
Voltage
Number
(µH)
(KHz)
Min.
(MHz)
Max.
Max.
(VDC)
CTCMC0905F-100N
10
1.0 (0.1V)
200
20~300
0.08
1.6
50
CTCMC0905F-250N
25
1.0 (0.1V)
600
20~150
0.16
1.0
50
CTCMC0905F-400N
40
1.0 (0.1V)
800
20~100
0.25
0.9
50
CTCMC0905F-500N
50
1.0 (0.1V)
1500
20~100
0.32
0.8
50
CTCMC0905F-251Y
250
100 (5mV)
600
3~20
0.13
1.2
50
CTCMC0905F-471Y
470
100 (5mV)
1000
2~20
0.14
1.1
50
CTCMC0905F-501Y
500
100 (5mV)
1000
1~20
0.15
1.0
50
CTCMC0905F-102Y
1000
100 (5mV)
1500
1~15
0.31
0.8
50
CTCMC0905F-202Y
2000
100 (5mV)
3000
1~5
0.42
0.6
50
CTCMC0905F-472Y
4700
100 (5mV)
4000
0.3~3
0.90
0.4
50
CTCMC0905F-652Y
6500
100 (5mV)
5000
0.3~2
1.05
0.3
50
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Common Mode Choke.
Applications: LANs, telephones, personal computers, CD-ROM
drives, electronic games, etc.
Operating Temperature: -40°C to +85°C
Rated Current: 40°C temperature rise.
Inductance Tolerance: ±30%, ±50%
Testing: Inductance is tested on an HP4284A or HP4285A at the
speficied frequency.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
C
B
G
F
E
D
1
2
4
3
XXX
Marking: Inductance code
23
N1
N2
14
2.0
7.5
2.54
1.2
Circuit Diagram
A
B
C
D
E
F
G
Ref.
Ref.
9.2±0.3
6.0±0.3
5.0±0.3
2.54±0.3
5.7
1.4
1.0±0.1
0.36±0.012
0.24±0.012
0.20±0.012
0.10±0.012
0.22
0.05
0.04±0.004
Size
mm
inches
CTCMC0905F-251Y
250
100 (5mV)
600
3~20
0.13
1.2
50
CTCMC0905F-471Y
470
100 (5mV)
1000
2~20
0.14
1.1
50
CTCMC0905F-501Y
500
100 (5mV)
1000
1~20
0.15
1.0
50
Unit: mm


Similar Part No. - CTCMC0905F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCM01F CT-CTCM01F Datasheet
331Kb / 1P
SMD Common Mode Choke
logo
Clarke International
CTCM400 CLARKE-CTCM400 Datasheet
1Mb / 4P
TILE CUTTER
GC05/25
logo
Central Technologies
CTCMD4D06 CT-CTCMD4D06 Datasheet
178Kb / 1P
Power Inductors
CTCMD4D06-100M CT-CTCMD4D06-100M Datasheet
178Kb / 1P
Power Inductors
CTCMD4D06-150M CT-CTCMD4D06-150M Datasheet
178Kb / 1P
Power Inductors
More results

Similar Description - CTCMC0905F

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
logo
RENCO ELECTRONICS, INC.
RL-4400-1H RENCO-RL-4400-1H Datasheet
1Mb / 2P
COMMON MODE CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com