Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9271-8I Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # CS9271-8I
Description  Built on MegaRAID Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CS9271-8I Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  CS9271-8I Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CS9271-8I Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information and sales office locations, please visit the LSI website at: www.lsi.com
LSI, the LSI & Design logo, the Storage.Networking.Accelerated. tagline, Syncro, MegaRAID, MegaRAID Management Suite, MegaRAID Storage
Manager, CadeCade, CacheVault, and Syncro are trademarks or registered trademarks of LSI Corporation. All other brand or product names
may be trademarks or registered trademarks of their respective companies.
LSI Corporation reserves the right to make changes to any products and services herein at any time without notice. LSI does not assume
any responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to
in writing by LSI; nor does the purchase, lease, or use of a product or service from LSI convey a license under any patent rights, copyrights,
trademark rights, or any other of the intellectual property rights of LSI or of third parties.
Copyright ©2013 by LSI Corporation. All rights reserved. > 0813
North American Headquarters
San Jose, CA
T: +1.866.574.5741 (within U.S.)
T: +1.408.954.3108 (outside U.S.)
LSI Europe Ltd.
European Headquarters
United Kingdom
T: [+44] 1344.413200
LSI KK Headquarters
Tokyo, Japan
T: [+81] 3.5463.7165
Product Brief
LSI Syncro CS 9271-8i
Solution Provided
Fully redundant shared storage and application failover for two-node single-system Cluster-in-a box systems
In the Box
• Two (2) Syncro CS 9271-8i HA controllers with
CacheVault (each includes CV power module, CV clip
and remote cable)
• Quick Install Guide
• Two (2) LP Brackets
• Resource CD
Controller Physical Dimensions
MD2 Low Profile (6.6” x 2.536”)
Controller External Connectors
Two Mini-SAS SFF8087 internal connectors
Device Support
Up to 96 6G SAS and/or NL-SAS dual-ported HDDs and SSDs (w/SCSI-3 PR)
Up to 31 6G SAS enclosure/expander devices
Maximum of 120 dual-ported SAS devices in the HA storage domain. Please see on-line compatibility matrix on lsi.com.
Host Bus Type
x8 lane PCI Express® 3.0 compliant
Data Transfer Rates
Up to 6Gb/s per port
I/O Processor/SAS Controller
LSISAS2208 Dual-Core RAID on Chip (ROC)
Cache Memory
1 GB 1333MHz DDRIII SDRAM
Cache Protection
MegaRAID CacheVault flash cache protection (included)
Key High Availability Features
• Dual Active HA w/shared storage across 2 server nodes
• Server Storage Cluster HA topology support
• Write Back HA cache mirroring
• Up to 64 virtual drives with Shared host access
• Up to 64 virtual drives with Exclusive host access
• Planned/Unplanned failover modes
Key RAID Data Protection Features
• RAID levels 0, 1, 5, and 6
• RAID spans 10, 50 and 60
• Auto resume after loss of system power during
array rebuild
• Single controller Multipathing (failover)
• Single controller Load Balancing
• Configurable stripe size up to 1MB
• Fast initialization for quick array setup
• Check Consistency for background data integrity
• Patrol read for media scanning and repairing
• 64 virtual drive support per controller (64 total in HA
domain)
• Up to 64TB LUN support
• DDF compliant Configuration on Disk (COD)
• S.M.A.R.T support
• Global and Dedicated Hot Spare Support
–Automatic rebuild
–Enclosure affinity
• Enclosure management
–SES (inband)
Controller Operating Temperature
Maximum ambient: Controller Card with included CacheVault module: 55°C
Controller Operating Voltage
+3.3V, +12V
Controller MTBF (Calculated)
1,251,284 hours
Hardware Warranty
3 years, free technical support, advanced replacement option
Regulatory Certifications
EN55022, EN55024, EN60950, EN 61000-3-2, EN 61000-3-3; FCC Class A, Class B; UL1950; UL; CSA C22.2; VCCI; RRL for
MIC; BSMI;C-tick; RoHS; WEEE
RAID & HA Management
MegaRAID Management Suite™: MegaRAID Storage Manager™, StorCLI (command-line interface), WebBIOS, SMI-S
SSD Optimization
• MegaRAID CacheCade® Software uses SSDs in front
of HDD volumes to create high-capacity, high-
performance controller read cache pools
• MegaRAID Fast Path Software designed to provide
high-performance I/O acceleration for SSD arrays
connected to 6Gb/s MegaRAID SAS controllers
• Up to 32 SSDs (6G SAS) in a CacheCade Read SSD pool
• Up to 64 CacheCade virtual drives (The total # of HDD VD
+ CacheCade VDs in the HA domain must not exceed 64)
• Up to 512GB CacheCade Read volume capacity in the
HA domain
OS Support
Microsoft® Windows® Server 2012 and Server 2008 R2
Red Hat Enterprise Linux 6.3 and 6.4
SuSE Linux Enterprise Server 11 SP2 and SP3
Ordering Information
LSI00392



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com