Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8608 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX8608
Description  PCIe Gen2, 5.0 GT/s 8-lane 8-port PCI Express
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX8608 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  PEX8608 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX8608 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX8608 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PEX8608 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PCIe Gen2, 5.0 GT/s 8-lane 8-port PCI Express
® Switch
Features
PEX 8608 General Features
o
8-lane PCI Express switch
-
Integrated 5.0 GT/s SerDes
o
Up to 8 configurable ports
o
15 x 15mm
2, 196-ball PBGA
o
Typical Power: 1.39 Watts
PEX 8608 Key Features
o
Standards Compliant
-
PCI Express Base Specification r2.0
(Backwards compatible with PCIe
r1.0a/1.1)
-
PCI Power Management Spec r1.2
-
Microsoft Vista Compliant
-
Supports Access Control Services
-
Dynamic link-width control
-
Dynamic SerDes Speed Control
o
High Performance
-
Non-blocking internal architecture
-
Full line rate on all ports
-
Cut-Thru latency: 130ns
-
2KB max payload size
-
Read Pacing
(intelligent bandwidth allocation)
-
Dual Cast
o
Dual-Host & Fail-Over Support
-
Configurable Non-Transparent port
-
Moveable upstream port
-
Crosslink port capability
o
Flexible Configuration
-
8 flexible & configurable ports
(x1 or x4)
-
Configurable with strapping pins,
EEPROM, I
2C, or Host software
-
Lane and polarity reversal
o
PCI Express Power Management
-
Link power management states: L0, L0s,
L1, L2/L3 Ready, and L3
-
Device states: D0 and D3hot
o
Spread Spectrum Clock Isolation
-
Dual clock domain
o
Quality of Service (QoS)
-
Two Virtual Channels (VC) per port
-
Eight Traffic Classes per port
-
Weighted Round-Robin Port & VC
Arbitration
o
Reliability, Availability, Serviceability
-
All ports Hot-Plug capable thru I
2C
(Hot-Plug Controller on every port)
-
ECRC & Poison bit support
-
Data path protection
-
Memory (RAM) error correction
-
Advanced Error Reporting support
-
Port Status bits and GPIO available
-
Per port error diagnostics
-
Performance monitoring
(per port payload & header counters)
-
JTAG AC/DC boundary scan
-
Fatal Error (FATAL_ERR#) output signal
-
INTA# output signal
Version 1.2 2009
PEX 8608
The ExpressLane
™ PEX 8608 device offers PCI Express switching capability
enabling users to add scalable high bandwidth non-blocking interconnection to a
wide variety of applications including communications platforms, control plane
applications and embedded systems. The PEX 8608 is well suited for fan-out,
aggregation, peer-to-peer, and intelligent I/O module applications
.
Low Packet Latency & High Performance
The PEX 8608 architecture supports packet cut-thru with a maximum latency of
130ns in x4 to x1 configuration. This, combined with large packet memory and
non-blocking internal switch architecture, provides full line rate on all ports for low-
latency applications such as communications and embedded. The low latency
enables applications to achieve high throughput and performance. In addition to low
latency, the device supports a max payload size of 2048 bytes, enabling the user to
achieve even higher throughout
.
Data Integrity
The PEX 8608 provides end-to-end CRC protection (ECRC) and Poison bit support
to enable designs that require guaranteed error-free packets. PLX also supports
data path parity and memory (RAM) error correction as packets pass through the
switch
.
Dual-Host and Fail-Over Support
The PEX 8608 supports full non-transparent bridging (NTB) functionality to allow
implementation of multi-host systems and intelligent I/O modules in applications
which require redundancy support such as communications, storage, and servers.
Non-transparent bridges allow systems to isolate host memory domains by
presenting the processor subsystem as an endpoint rather than another memory
system. Base address registers are used to translate addresses; doorbell registers are
used to send interrupts between the address domains; and scratchpad registers are
accessible from both address domains to allow inter-processor communication
.
Interoperability
The PEX 8608 is designed to be fully compliant with the PCI Express Base
Specification r2.0 and is backwards compatible to PCI Express Base Specification
r1.1 and r1.0a. Additionally each port supports auto-negotiation, lane reversal and
polarity reversal. Furthermore, the PEX 8608 is designed for Microsoft Vista
compliance. All PLX switches undergo thorough interoperability testing in PLX’s
Interoperability Lab and compliance testing at the PCI-SIG plug-fest to ensure
compatibility with PCI Express devices in the market.
Device Operation Configuration Flexibility
The PEX 8608 provides several ways to configure its operations. The device can be
configured through strapping pins, I
2C interface, CPU configuration cycles and/or an
optional serial EEPROM. This allows for easy debug during the development phase
and functional monitoring during the operation phase
.


Similar Part No. - PEX8608

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8608 PLX-PEX8608 Datasheet
1,009Kb / 4P
PCIe Gen2, 5.0 GT/s 8-lane 8-port PCI Express Switch
PEX8608-BA50BC PLX-PEX8608-BA50BC Datasheet
1,009Kb / 4P
PCIe Gen2, 5.0 GT/s 8-lane 8-port PCI Express Switch
PEX8608-BA50BCG PLX-PEX8608-BA50BCG Datasheet
1,009Kb / 4P
PCIe Gen2, 5.0 GT/s 8-lane 8-port PCI Express Switch
PEX8608BA-AIC4U1DRDK PLX-PEX8608BA-AIC4U1DRDK Datasheet
1,009Kb / 4P
PCIe Gen2, 5.0 GT/s 8-lane 8-port PCI Express Switch
More results

Similar Description - PEX8608

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12T3G2 IDT-89HPES12T3G2 Datasheet
559Kb / 31P
12-Lane 3-Port Gen2 PCI Express Switch
89HPES16T4G2 IDT-89HPES16T4G2 Datasheet
570Kb / 32P
16-Lane 4-Port Gen2 PCI Express Switch
89HPES8T5A IDT-89HPES8T5A Datasheet
462Kb / 29P
8-Lane 5-Port PCI Express Switch
logo
PLX Technology
PEX8606 PLX-PEX8606 Datasheet
1Mb / 4P
PCIe Gen2, 5.0 GT/s 6-lane 6-port PCI Express짰 Switch
PEX8608 PLX-PEX8608 Datasheet
1,009Kb / 4P
PCIe Gen2, 5.0 GT/s 8-lane 8-port PCI Express Switch
PEX8609 PLX-PEX8609 Datasheet
1,007Kb / 4P
Flexible & Versatile 8-lane 8-port PCI Express Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8606 AVAGO-PEX8606 Datasheet
1Mb / 4P
PCIe Gen2, 5.0 GT/s 6-lane 6-port PCI Express
PEX8609 AVAGO-PEX8609 Datasheet
1,006Kb / 4P
Flexible & Versatile 8-lane 8-port PCI Express
logo
PLX Technology
PEX8603 PLX-PEX8603 Datasheet
211Kb / 3P
3-lane, 3-port PCIe Gen2 switch Integrate 5.0 GT/s SerDes
PEX8605 PLX-PEX8605 Datasheet
232Kb / 3P
4-lane, 4-port PCIe Gen2 switch Integrate 5.0 GT/s SerDes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com