Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8613 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX8613
Description  PCIe Gen 2, 5.0GT/s 12-lane, 3-port Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX8613 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  PEX8613 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX8613 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX8613 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PEX8613 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dual-Host & Failover Support
The PEX 8613 product supports a Non-Transparent
(NT) Port, which enables the implementation of multi-
host systems and intelligent I/O modules in storage,
communications, and blade server applications. The NT
port allows systems to isolate host memory domains by
presenting the processor subsystem as an endpoint rather
than another memory system. Base address registers are
used to translate
addresses;
doorbell registers
are
used to send
interrupts between
the address
domains; and
scratchpad
registers
(accessible by
both
CPUs) allow
inter-processor
communication (see Figure 2). In a two-port
configuration (as in Figure 1), the PEX 8613 can serve
as an NT buffer, isolating two host domains via two x4
links.
Dual Cast™
The PEX 8613 supports Dual Cast, a feature which
allows for the copying of data (e.g. packets) from one
ingress port to two egress ports allowing for higher
performance in dual-graphics, storage, security, and
redundant applications.
Read Pacing™
The Read Pacing feature allows users to throttle the
amount of read requests being made by downstream
devices. When a downstream device requests several
long reads back-to-back, the Root Complex gets tied up
in serving this downstream port. If this port has a narrow
link and is therefore slow in receiving these read packets
from the Root Complex, then other downstream ports
may become starved – thus, impacting performance. The
Read Pacing feature enhances performances by allowing
for the adequate servicing of all downstream devices.
Hot-Plug for High Availability
Hot-Plug capability allows users to replace hardware
modules and perform maintenance without powering
down the system. The PEX 8613 Hot-Plug capability
feature makes it suitable for High Availability (HA)
applications. Every port on the PEX 8613 is equipped
with a Hot-Plug control/status register to support Hot-
Plug capability through external logic via the I
2C
interface.
SerDes Power and Signal Management
The PEX 8613 supports software control of the SerDes
outputs to allow optimization of power and signal
strength in a system. The PLX SerDes implementation
supports four levels of power – off, low, typical, and
high. The SerDes block also supports loop-back modes
and advanced reporting of error conditions, which
enables efficient management of the entire system.
PCIe
PEX 8613
PEX 8613
PEX 8613
PEX 8613
NT
Root
Complex
Non-Transparent
Port
CPU
CPU
Primary Host
Primary Host
CPU
CPU
Secondary Host
Secondary Host
Figure 2. Non-Transparent Port
Interoperability
The PEX 8613 is designed to be fully compliant with the
PCI Express Base Specification r2.0, and is backwards
compatible to PCI Express Base Specification r1.1 and
r1.0a. Additionally, it supports auto-negotiation, lane
reversal, and polarity reversal. Furthermore, the
PEX 8613 is designed for Microsoft Vista compliance.
All PLX switches undergo thorough interoperability
testing in PLX’s Interoperability Lab and compliance
testing at the PCI-SIG plug-fest.
Applications & Usage Models
Suitable for host-centric as well as peer-to-peer traffic
patterns, the PEX 8613 can be configured for a broad
range of form factors and applications.
Host Centric Fan-out
The PEX 8613, with its symmetric or asymmetric lane
configuration capability, allows user-specific tuning to a
variety of host-centric applications. Figure 3 shows a
typical workstation design where the root complex
provides a PCI Express link that needs to be expanded to
a larger number of smaller ports for a variety of I/O
functions. In this example, the PEX 8613 has a 4-lane
upstream port and two downstream ports using x4 links.
The PEX 8613 can also be used to create PCIe Gen 1
(2.5 Gbps) ports. The PEX 8613 is backwards
compatible with PCIe Gen 1 devices. Therefore, the
PEX 8613 enables a Gen 2 native Chip Set to fan-out to
Gen 1 endpoints. In Figure 3, the PCIe slots connected to
the PEX 8613’s downstream ports can be populated with
either PCIe Gen 1 or PCIe Gen 2 devices. Conversely,
the PEX 8613 can also be used to create Gen 2 ports on
a Gen 1 native Chip Set in the same fashion.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com