Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8713 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX8713
Description  PCI Express Gen 3 Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX8713 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  PEX8713 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX8713 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX8713 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PEX8713 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED PEX8713 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PEX 8713, PCI Express Gen 3 Switch, 12 Lanes, 10 Ports
© PLX Technology, www.plxtech.com
Page 2 of 5
8/1/2011, Version 1.0
The PEX 8713 can also be configured in Multi-Host mode
where users can choose up to two ports as host/upstream
ports and assign a desired number of downstream ports to
each host. In Multi-Host mode, a virtual switch is created
for each host port and its associated downstream ports
inside the device. The traffic between the ports of a virtual
switch is completely isolated from the traffic in other
virtual switches. Figure 2 illustrates some configurations
of the PEX 8713 in Multi-Host mode where each ellipse
represents a virtual switch inside the device.
The PEX 8713 also
provides several ways to
configure its registers. The
device can be configured
through strapping pins, I
2C
interface, host software, or
an optional serial
EEPROM. This allows for
easy debug during the
development phase,
performance monitoring
during the operation phase,
and driver or software
upgrade.
Dual-Host & Failover Support
In Single-Host mode, the PEX 8713 supports 2 Non-
Transparent (NT) Ports, which enables the
implementation
of dual-host
systems for
redundancy and
host failover
capability. The
NT port allows
systems to
isolate host
memory
domains by
presenting the
processor
subsystem as an
endpoint rather
than another
memory system. Base address registers are used to
translate addresses; doorbell registers are used to send
interrupts between the address domains; and scratchpad
registers (accessible by both CPUs) allow inter-processor
communication (see Figure 3).
Multi-Host & Failover Support
In Multi-Host mode, PEX 8713 can be configured with up
to two upstream host ports, each with its own dedicated
downstream ports. The device can be configured for 1+1
redundancy. The PEX 8713 allows the hosts to
communicate their status to each other via special door-
bell registers. In failover mode, if a host fails, the host
designated for failover will disable the upstream port
attached to the failing host and program the downstream
ports of that host to its own domain. Figure 4a shows a two
host system in Multi-Host mode with two virtual switches
inside the device and Figure 4b shows Host 1 disabled
after failure and Host 2 having taken over all of Host 1’s
end-points.
Hot Plug for High Availability
Hot plug capability allows users to replace hardware
modules and perform maintenance without powering down
the system. The PEX 8713 hot plug capability feature
makes it suitable for High Availability (HA)
applications. Three downstream ports include a Standard
Hot Plug Controller. If the PEX 8713 is used in an
application where one or more of its downstream ports
connect to PCI Express slots, each port’s Hot Plug
Controller can be used to manage the hot-plug event of its
associated slot. Every port on the PEX 8713 is equipped
with a hot-plug control/status register to support hot-plug
capability through external logic via the I
2C interface.
SerDes Power and Signal Management
The PEX 8713 provides low power capability that is fully
compliant with the PCIe power management specification
and supports software control of the SerDes outputs to
allow optimization of power and signal strength in a
system. Furthermore, the SerDes block supports loop-back
modes and advanced reporting of error conditions,
which enables efficient management of the entire system.
Interoperability
The PEX 8713 is designed to be fully compliant with the
PCI Express Base Specification r3.0, and is backwards
compatible to PCI Express Base Specification r2.0, r1.1,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com