Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16601 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVT16601
Description  18-bit universal bus transceiver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16601 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVT16601_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16601_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16601_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16601_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16601_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16601_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16601_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16601_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16601_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
74ALVT16601_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 5 July 2005
7 of 20
Philips Semiconductors
74ALVT16601
18-bit universal bus transceiver; 3-state
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state;
↑ = LOW-to-HIGH clock transition
[2]
Output level before the indicated steady-state input conditions were established.
[3]
Output level before the indicated steady-state input conditions were established, provided that CPAB or
CPBA was LOW before LEAB or LEBA went LOW.
8.
Limiting values
VCC
50
voltage supply
B2
51
data input or output (B side)
B1
52
data input or output (B side)
GND
53
ground (0 V)
B0
54
data input or output (B side)
CPAB
55
A-to-B clock input (active rising edge)
CEAB
56
A-to-B clock enable (active LOW)
Table 3:
Pin description …continued
Symbol
Pin
Description
Table 4:
Function table [1]
Control
Input
Output
CEAB
OEAB
LEAB
CPAB
An
Bn
CEBA
OEBA
LEBA
CPBA
Bn
An
XH
XXX
Z
XL
H
X
L
L
HH
LLL
↑
LL
HH
LLLH
X
Y [2]
LX
Y [3]
H
LLX
X
Y [2]
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
[1]
−0.5
+7.0
V
VO
output voltage
output in OFF-state or
HIGH-state
[1]
−0.5
+7.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com