Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2102CWI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2102CWI
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2102CWI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2102CWI Datasheet HTML 1Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 2Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 3Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 4Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 5Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 6Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 7Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 8Page - Maxim Integrated Products MAX2102CWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Direct-Conversion Tuner ICs for
Digital DBS Applications
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(MAX2102 EV kit circuit (Figure 1); VCC = +5V; PSGND = open; MOD = GND; fRFIN = 2150MHz; PRFIN = -19dBm; fLO =
2150.125MHz; PLO = -15dBm driven single-ended into LO; AGC set via servo loop for VIOUT = VQOUT = 0.5Vp-p; IOUT, QOUT drive
AC-coupled 100
Ω loads; 2kΩ from PSOUT to GND; TA = +25°C; unless otherwise noted.)
PRFIN = -19dBm per tone, AGC set via servo loop for
VIOUT = VQOUT = 0.5Vp-p per tone,
f1RFIN = 1448.1MHz, f2RFIN = 1449MHz,
fLO = 1451MHz
PRFIN = -19dBm per tone, AGC set via servo loop for
VIOUT = VQOUT = 0.5Vp-p per tone,
f1RFIN = 1200MHz, f2RFIN = 2150MHz,
fLO = 951MHz
fRFIN = 1441MHz,
fLO = 1451MHz
CONDITIONS
dBm
6.5
RFIN Input Third-Order Intercept
11.2
dBm
15.1
RFIN Input Second-Order Intercept
13.2
12.9
UNITS
MIN
TYP
MAX
PARAMETER
fRFIN = 950MHz to 2150MHz, 50Ω source
Defined as
∆NF/∆Gain; for AGC range,
defined as single-carrier power range
of -69dBm to -59dBm (MAX2102) or
-60dBm to -50dBm (MAX2105)
950MHz < fRFIN < 2150MHz, 950MHz < fLO <
2150MHz. Dominated by LO second-harmonic power
causing downconversion of unwanted channel. Test
conditions: fLO = 1075.5MHz, fRFIN = 2150MHz,
PRFIN = -69dBm (MAX2102) or -60dBm (MAX2105)
PLO = -15dBm, 950MHz < fLO < 2150MHz (Note 3)
PLO = -15dBm, PLO = -15dBm (differentially driven),
950MHz < fLO < 2150MHz (Note 3)
2.3:1
dB/dB
-0.5
Maximum Noise-Figure Variation with
AGC Gain Setting
RFIN Worst-Case VSWR across
Band
dBc
-32.3
Maximum Power of Spurious
Downconversion Products
dBm
-49
-54
LO Leakage at RFIN
PRFIN = -69dBm
AGC = 4V,
PRFIN set via servo
loop for VIOUT =
VQOUT = 0.5Vp-p
MAX2102
MAX2102
dB
PRFIN = -60dBm
MAX2105
15.7
PRFIN = -69dBm
fRFIN = 2141MHz,
fLO = 2151MHz
Noise Figure
MAX2105
PRFIN = -60dBm
15.5
MAX2102
MAX2105
11.5
MAX2102
MAX2105
-0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com