Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202EC/D Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX202EC/D
Description  15kV ESD-Protected, 5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX202EC/D Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX202EC/D Datasheet HTML 17Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 18Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 19Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 20Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 21Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 22Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 23Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 24Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
±15kV ESD-Protected, +5V RS-232 Transceivers
22
______________________________________________________________________________________
__________________________________________________________Chip Topographies
___________________Chip Information
C1-
V+ C1+
VCC
R2IN
T2OUT
R2OUT
0.117"
(2.972mm)
0.080"
(2.032mm)
V-
C2+
C2-
T2IN
T1OUT
R1IN
R1OUT
T1IN
GND
R5IN
V-
C2-
C2+
C1-
V+
C1+
VCC
T4OUT
R3IN
T3OUT
T1OUT
0.174"
(4.420mm)
0.188"
(4.775mm)
T4IN
R5OUT
R4OUT
T3IN
R4IN
EN (EN)
SHDN (SHDN)
R3OUT
T2OUT
GND
R1IN
R1OUT
T2IN
R2OUT
R2IN
T1IN
( ) ARE FOR MAX213E ONLY
TRANSISTOR COUNT: 123
SUBSTRATE CONNECTED TO GND
TRANSISTOR COUNT: 542
SUBSTRATE CONNECTED TO GND
MAX202E/MAX232E
MAX211E/MAX213E/MAX241E
MAX205E/MAX206E/MAX207E/MAX208E
TRANSISTOR COUNT: 328
SUBSTRATE CONNECTED TO GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com