Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX198ACAI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX198ACAI
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX198ACAI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX198ACAI Datasheet HTML 6Page - Maxim Integrated Products MAX198ACAI Datasheet HTML 7Page - Maxim Integrated Products MAX198ACAI Datasheet HTML 8Page - Maxim Integrated Products MAX198ACAI Datasheet HTML 9Page - Maxim Integrated Products MAX198ACAI Datasheet HTML 10Page - Maxim Integrated Products MAX198ACAI Datasheet HTML 11Page - Maxim Integrated Products MAX198ACAI Datasheet HTML 12Page - Maxim Integrated Products MAX198ACAI Datasheet HTML 13Page - Maxim Integrated Products MAX198ACAI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Input Format
The control byte is latched into the device, on pins
D7–D0, during a write cycle. Table 2 shows the control-
byte format.
Output Data Format
The output data format is binary in unipolar mode and
twos-complement binary in bipolar mode. When reading
the output data, CS and RD must be low.
How to Start a Conversion
Conversions are initiated with a write operation, which
selects the mux channel and configures the MAX196/
MAX198 for either a unipolar or bipolar input range. A
write pulse (WR + CS) can either start an acquisition inter-
val or initiate a combined acquisition plus conversion. The
sampling interval occurs at the end of the acquisition
interval. The ACQMOD bit in the input control byte offers
two options for acquiring the signal: internal or external.
The conversion period lasts for 12 clock cycles in either
internal or external clock or acquisition mode.
Writing a new control byte during a conversion cycle will
abort the conversion and start a new acquisition interval.
Internal Acquisition
Select internal acquisition by writing the control byte with
the ACQMOD bit cleared (ACQMOD = 0). This causes
the write pulse to initiate an acquisition interval whose
duration is internally timed. Conversion starts when this
six-clock-cycle acquisition interval (3µs with fCLK =
2MHz) ends (see Figure 5).
External Acquisition
Use the external acquisition timing mode for precise con-
trol of the sampling aperture and/or independent control
of acquisition and conversion times. The user controls
acquisition and start-of-conversion with two separate
write pulses. The first pulse, written with ACQMOD = 1,
starts an acquisition interval of indeterminate length. The
second write pulse, written with ACQMOD = 0, termi-
nates acquisition and starts conversion on WR’s rising
edge (Figure 6). However, if the second control byte
contains ACQMOD = 1, an indefinite acquisition interval
is restarted.
The address bits for the input mux must have the same
values on the first and second write pulses. Power-down
mode bits (PD0, PD1) can assume new values on the
second write pulse (see
Power-Down Mode section).
How to Read a Conversion
A standard interrupt signal, INT, is provided to allow the
device to flag the µP when the conversion has ended
and a valid result is available. INT goes low when con-
version is complete and the output data is ready
(Figures 5 and 6). It returns high on the first read cycle
or if a new control byte is written.
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
10
______________________________________________________________________________________
tCS
tCSWS
tWR
tACQI
tCONV
tDH
tDS
tINT1
tD0
tTR
HIGH-Z
HIGH-Z
tCSRS
tCSRH
CS
WR
D7–D0
INT
RD
DOUT
ACQMOD ="0"
DATA VALID
CONTROL
BYTE
tCSWH
Figure 5. Conversion Timing Using Internal Acquisition Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com