Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2136 Datasheet(PDF) 5 Page - International Rectifier

Part # IR2136
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136 Datasheet(HTML) 5 Page - International Rectifier

  IR2136 Datasheet HTML 1Page - International Rectifier IR2136 Datasheet HTML 2Page - International Rectifier IR2136 Datasheet HTML 3Page - International Rectifier IR2136 Datasheet HTML 4Page - International Rectifier IR2136 Datasheet HTML 5Page - International Rectifier IR2136 Datasheet HTML 6Page - International Rectifier IR2136 Datasheet HTML 7Page - International Rectifier IR2136 Datasheet HTML 8Page - International Rectifier IR2136 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
www.irf.com
5
IR213(6,62,63,65,66,67,68)(J&S) & PbF
Dynamic Electrical Characteristics
VCC = VBS = VBIAS = 15 V, VS1,2,3 = VSS = COM, TA = 25 °C and CL = 1000 pF unless otherwise specified.
Symbol
Definition
Min Typ Max Units
Test
Conditions
IR2136(2,3,5,8) 300
425
550
ton
Turn-on propagation delay
IR2136(6,7)
—
250
—
IR2136(2,3,5,8) 250
400
550
toff
Turn-off propagation delay
IR2136(6,7)
—
180
—
tr
Turn-on rise time
—
125
190
tf
Turn-off fall time
—
50
75
VIN = 0 V & 5 V
IR2136(2,3,5,8) 300
450
600
tEN
ENABLE low to output shutdown
propagation delay
IR2136(6,7)
100
250
400
VIN, VEN = 0 V
or 5 V
tITRIP
ITRIP to output shutdown propagation delay
500
750 1000
VITRIP = 5 V
tbl
ITRIP blanking time
100
150
—
tFLT
ITRIP to FAULT propagation delay
400
600
800
VIN = 0 V or 5 V
VITRIP = 5 V
tFILIN
Input filter time (HIN, LIN)
(IR213(6,62,63,65,68) only)
100
200
—
ns
VIN = 0 V & 5 V
tFLTCLR
FAULT clear time RCIN: R = 2 MΩ, C = 1 nF
1.3
1.65
2
ms
VIN = 0 V or 5 V
VITRIP = 0 V
DT
Deadtime
220
290
360
VIN = 0 V & 5 V
MT
Matching delay ON and OFF
—
40
75
MDT
Matching delay, max (ton, toff) – min (ton, toff),
(ton, toff are applicable to all 3 channels)
—
25
70
External dead
time >400 ns
PM
Output pulse width matching (pwin-pwout) (Fig.2)
—
40
75
ns
Note:
For high side PWM, HIN pulse width must be ≥ 1 µs.
VCC
VBS
ITRIP
ENABLE
FAULT
LO1,2,3
HO1,2,3
<UVCC
X
X
X
0 (note 1)
0
0
15 V
<UVBS
0 V
5 V
high imp
LIN1,2,3
0
15 V
15 V
0 V
5 V
high imp
LIN1,2,3
HIN1,2,3
15 V
15 V
>VITRIP
5 V
0 (note 2)
0
0
15 V
15 V
0 V
0 V
high imp
0
0
Note 1:
A shoot-through prevention logic prevents LO1,2,3 and HO1,2,3 for each channel from turning on simultaneously.
Note 2:
UVCC is not latched, when VCC > UVCC, FAULT returns to high impedance.
Note 3
: When ITRIP < VITRIP, FAULT returns to high-impedance after RCIN pin becomes greater than 8 V (@ VCC = 15 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com