Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2161 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2161
Description  HALOGEN CONVERTOR CONTROL IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2161 Datasheet(HTML) 2 Page - International Rectifier

  IR2161 Datasheet HTML 1Page - International Rectifier IR2161 Datasheet HTML 2Page - International Rectifier IR2161 Datasheet HTML 3Page - International Rectifier IR2161 Datasheet HTML 4Page - International Rectifier IR2161 Datasheet HTML 5Page - International Rectifier IR2161 Datasheet HTML 6Page - International Rectifier IR2161 Datasheet HTML 7Page - International Rectifier IR2161 Datasheet HTML 8Page - International Rectifier IR2161 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
IR2161(S)&(PbF)
2
www.irf.com
Note 1:
This IC contains a zener clamp structure between the chip VCC and COM which has a nominal breakdown
voltage of 15.6V. Please note that this supply pin should not be driven by a DC, low impedance power source
greater than the VCLAMP specified in the Electrical Characteristics section.
Note 2:
Enough current should be supplied into the VCC pin to keep the internal 15.6V zener clamp diode on this pin
regulating its voltage, VCLAMP.
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal resistance and power
dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
625
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VLO
Low side output voltage
-0.3
VCC + 0.3
IOMAX
Maximum allowable output current (HO,LO) due to external
-500
500
power transistor miller effect
VCSDMAX
CSD pin voltage
-0.3
VCC + 0.3
VCS
Current sense pin voltage
-0.3
VCC + 0.3
ICS
Current sense pin current
-5
5
ICC
Supply current (Note 1)
-20
20
dV/dt
Allowable offset voltage slew rate
-50
50
V/ns
PD
Maximum power dissipation @ TA ≤ +25°C
(8 Lead DIP)
—
1
PD = (TJMAX-TA)/RthJA
(8 Lead SOIC)
—
0.625
RthJA
Thermal resistance, junction to ambient
(8 Lead DIP)
—
125
(8 Lead SOIC)
—
200
TJ
Junction temperature
-55
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
V
°C/W
W
mA
V
°C
mA
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
VBS
High side floating supply voltage
VCC - 0.7
VCLAMP
VBSMIN
Minimum required VBS voltage for proper HO functionality
4.3
—
VS
Steady state high-side floating supply offset voltage
-1
600
VCC
Supply voltage
VCCUV+
VCLAMP
ICC
Supply current
(Note 2)
10
mA
CSD
CSD pin external capacitor
47
—
nF
ICS
Current sense pin current
-1
1
mA
TJ
Junction temperature
-25
125
°C
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com