Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2410E/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2410E/D
Description  Low-Cost RF Up/Downconverter with LNA and PA Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2410E/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2410E/D Datasheet HTML 4Page - Maxim Integrated Products MAX2410E/D Datasheet HTML 5Page - Maxim Integrated Products MAX2410E/D Datasheet HTML 6Page - Maxim Integrated Products MAX2410E/D Datasheet HTML 7Page - Maxim Integrated Products MAX2410E/D Datasheet HTML 8Page - Maxim Integrated Products MAX2410E/D Datasheet HTML 9Page - Maxim Integrated Products MAX2410E/D Datasheet HTML 10Page - Maxim Integrated Products MAX2410E/D Datasheet HTML 11Page - Maxim Integrated Products MAX2410E/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Low-Cost RF Up/Downconverter
with LNA and PA Driver
_______________________________________________________________________________________
9
_______________Detailed Description
The MAX2410 consists of five major components: a
transmit mixer, a variable-gain power-amplifier (PA)
driver, a low-noise amplifier (LNA), a receive mixer, and
power-management section.
The following sections describe each block in the
MAX2410
Functional Diagram.
Low-Noise Amplifier (LNA)
The LNA is a wideband, single-ended cascode amplifi-
er that can be used over a wide range of frequencies
(refer to the LNA Gain vs. Frequency graph in the
Typical Operating Characteristics). Its port impedances
are optimized for operation around 1.9GHz, requiring
only a 1pF shunt capacitor at the LNA input for a VSWR
of better than 2:1 and a noise figure of 2.4dB. As with
every LNA, the input match can be traded off for better
noise figure.
Typical Operating Circuit
47pF
VCC
VCC
VCC
VCC
47pF
1pF
220pF
28
27
26
25
24
23
22
1
GND
10
VCC
2
LNA
INPUT
LO
INPUT
PA
DRIVER
OUTPUT
PA
DRIVER
INPUT
TX
MIXER
RFOUTPUT
50
Ω RX
MIXER
IFOUTPUT
TX
MIXER
IFINPUT
RX
MIXER
RFINPUT
LNA
OUTPUT
3
4
5
7
8
21
20
GND
LNAOUT
GND
GND
RXMXIN
GND
IFIN
IFOUT
GND
17
18
19
LNAIN
GND
GND
VCC
LO
LO
13
18nH
16
15
GND
GND
TXMXOUT
TXEN
RXEN
GC
PADRIN
GND
MAX2410
11
6
9
220pF
1000pF
220pF
1000pF
1000pF
1000pF
VCC
220pF
3.9nH
3.9nH
68nH
82nH
220pF
220pF
PADROUT
5.6nH
ROPT
68nH
220pF
1000pF
12
14
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com