Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCDRH73CF Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH73CF
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH73CF Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH73CF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2011 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
12.02.11
Size
A
B
C
D
E
Max.
Max.
Max.
mm
7.8
7.8
3.5
3.9±0.5
1.5±0.5
inches
0.31
0.31
0.14
0.154±0.02
0.059±0.02
PHYSICAL DIMENSIONS
A
C
D
E
B
Marking
(Inductance Code)
XXX
SPECIFICATIONS
Parts are available in ±20% tolerance only.
*Indicates the current when the inductance decreases to
75% over it’s nominal value of DC current when the
temperature rising
ΔΔT=40°C lower, whichever is lower.
L Test
DCR
*IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
CTCDRH73CF-100M
10
1.0
0.072
1.68
CTCDRH73CF-120M
12
1.0
0.098
1.52
CTCDRH73CF-150M
15
1.0
0.13
1.33
CTCDRH73CF-180M
18
1.0
0.14
1.20
CTCDRH73CF-220M
22
1.0
0.19
1.07
CTCDRH73CF-270M
27
1.0
0.21
0.96
CTCDRH73CF-330M
33
1.0
0.24
0.91
CTCDRH73CF-390M
39
1.0
0.32
0.77
CTCDRH73CF-470M
47
1.0
0.36
0.76
CTCDRH73CF-560M
56
1.0
0.47
0.68
CTCDRH73CF-680M
68
1.0
0.52
0.61
CTCDRH73CF-820M
82
1.0
0.69
0.57
CTCDRH73CF-101M
100
1.0
0.79
0.50
CTCDRH73CF-121M
120
1.0
0.89
0.49
CTCDRH73CF-151M
150
1.0
1.29
0.43
CTCDRH73CF-181M
180
1.0
1.45
0.39
CTCDRH73CF-221M
220
1.0
1.65
0.35
CTCDRH73CF-271M
270
1.0
2.31
0.32
CTCDRH73CF-331M
330
1.0
2.62
0.28
CTCDRH73CF-391M
390
1.0
2.94
0.26
CTCDRH73CF-471M
470
1.0
4.18
0.24
CTCDRH73CF-561M
560
1.0
4.67
0.22
CTCDRH73CF-681M
680
1.0
5.73
0.19
CTCDRH73CF-821M
820
1.0
6.54
0.18
CTCDRH73CF-102M
1000
1.0
9.44
0.16
CTCDRH73CF Series
From 10 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4284A at 1.0 kHz, 0.25V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: Magnetically shielded
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant
PAD LAYOUT
2.0
Unit: mm


Similar Part No. - CTCDRH73CF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH73CF-100M CT-CTCDRH73CF-100M Datasheet
162Kb / 1P
Power Inductors - Shielded
CTCDRH73CF-101M CT-CTCDRH73CF-101M Datasheet
162Kb / 1P
Power Inductors - Shielded
CTCDRH73CF-102M CT-CTCDRH73CF-102M Datasheet
162Kb / 1P
Power Inductors - Shielded
CTCDRH73CF-120M CT-CTCDRH73CF-120M Datasheet
162Kb / 1P
Power Inductors - Shielded
CTCDRH73CF-121M CT-CTCDRH73CF-121M Datasheet
162Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTCDRH73CF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com