Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCDRH74CF Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH74CF
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH74CF Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH74CF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 09.13.12
Power Inductors - Shielded
www.ctparts.com
CTCDRH74CF
Series
From 10 µH to 1000 µH
SPECIFICATIONS
Parts are available in ±20% tolerance only.
*Indicates the current when the inductance decreases to
75% over it’s nominal value of DC current when the
temperature rising DT=40°C lower, whichever is lower.
L Test
DCR
*IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(KHz)
(W)
(A)
CTCDRH74CF-100M
10
1.0
0.049
1.84
CTCDRH74CF-120M
12
1.0
0.058
1.71
CTCDRH74CF-150M
15
1.0
0.081
1.47
CTCDRH74CF-180M
18
1.0
0.091
1.31
CTCDRH74CF-220M
22
1.0
0.11
1.23
CTCDRH74CF-270M
27
1.0
0.15
1.12
CTCDRH74CF-330M
33
1.0
0.17
0.96
CTCDRH74CF-390M
39
1.0
0.23
0.91
CTCDRH74CF-470M
47
1.0
0.26
0.88
CTCDRH74CF-560M
56
1.0
0.35
0.75
CTCDRH74CF-680M
68
1.0
0.38
0.69
CTCDRH74CF-820M
82
1.0
0.43
0.61
CTCDRH74CF-101M
100
1.0
0.61
0.60
CTCDRH74CF-121M
120
1.0
0.66
0.52
CTCDRH74CF-151M
150
1.0
0.88
0.46
CTCDRH74CF-181M
180
1.0
0.98
0.42
CTCDRH74CF-221M
220
1.0
1.17
0.36
CTCDRH74CF-271M
270
1.0
1.64
0.34
CTCDRH74CF-331M
330
1.0
1.86
0.32
CTCDRH74CF-391M
390
1.0
2.85
0.29
CTCDRH74CF-471M
470
1.0
3.01
0.26
CTCDRH74CF-561M
560
1.0
3.62
0.23
CTCDRH74CF-681M
680
1.0
4.63
0.22
CTCDRH74CF-821M
820
1.0
5.20
0.20
CTCDRH74CF-102M
1000
1.0
6.00
0.18
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOuT
Description: SMD (shielded) power inductor.
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4284A at 1.0KHz, 0.25V.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: Magnetically shielded.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
C
D
E
B
Marking
(Inductance Code)
XXX
2.0
A
B
C
D
E
Max.
Max.
Max.
7.8
7.8
4.5
4.4±0.5
1.5±0.5
0.31
0.31
0.18
0.173±0.02
0.059±0.02
Size
mm
inches
ENGINEERING KIT #38F
Unit: mm


Similar Part No. - CTCDRH74CF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH74CF-100M CT-CTCDRH74CF-100M Datasheet
162Kb / 1P
Power Inductors - Shielded
CTCDRH74CF-101M CT-CTCDRH74CF-101M Datasheet
162Kb / 1P
Power Inductors - Shielded
CTCDRH74CF-102M CT-CTCDRH74CF-102M Datasheet
162Kb / 1P
Power Inductors - Shielded
CTCDRH74CF-120M CT-CTCDRH74CF-120M Datasheet
162Kb / 1P
Power Inductors - Shielded
CTCDRH74CF-121M CT-CTCDRH74CF-121M Datasheet
162Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTCDRH74CF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com