Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCDRH74F Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH74F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH74F Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH74F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2010 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
02.12.10
Size
A
B
C
D
E
F
Max.
mm
7.3±0.5
7.3±0.5
4.5
1.8±0.5
5.4±0.5
7.2±0.5
inches
0.3±0.02
0.3±0.02
0.18
0.07±0.02
0.21±0.02
0.28±0.02
SPECIFICATIONS
Parts are available in ±20% inductance tolerance.
*The DC current at which the inductance decreases to 75% of it’s nominal value
or when
ΔΔt=40°C, whichever is lower (Ta=20°C)
L Test
DCR
*IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
CTCDRH74F-100M
10
1.0
.05
1.84
CTCDRH74F-120M
12
1.0
.06
1.7
CTCDRH74F-150M
15
1.0
.08
1.5
CTCDRH74F-180M
18
1.0
.09
1.3
CTCDRH74F-220M
22
1.0
.11
1.2
CTCDRH74F-270M
27
1.0
.15
1.1
CTCDRH74F-330M
33
1.0
.17
.96
CTCDRH74F-390M
39
1.0
.23
.91
CTCDRH74F-470M
47
1.0
.26
.88
CTCDRH74F-560M
56
1.0
.35
.75
CTCDRH74F-680M
68
1.0
.38
.69
CTCDRH74F-820M
82
1.0
.43
.61
CTCDRH74F-101M
100
1.0
.61
.60
CTCDRH74F-121M
120
1.0
.66
.52
CTCDRH74F-151M
150
1.0
.88
.46
CTCDRH74F-181M
180
1.0
.98
.42
CTCDRH74F-221M
220
1.0
1.2
.36
CTCDRH74F-271M
270
1.0
1.6
.34
CTCDRH74F-331M
330
1.0
1.9
.32
CTCDRH74F-391M
390
1.0
2.9
.29
CTCDRH74F-471M
470
1.0
3.0
.26
CTCDRH74F-561M
560
1.0
3.6
.23
CTCDRH74F-681M
680
1.0
4.6
.22
CTCDRH74F-821M
820
1.0
5.2
.20
CTCDRH74F-102M
1000
1.0
6.0
.18
CTCDRH74F Series
From 10 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4284A at 1.0 kHz
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant. Magnetically shielded
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
ENGINEERING KIT #24F
RoHS
Compliant


Similar Part No. - CTCDRH74F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH74F-100M CT-CTCDRH74F-100M Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH74F-101M CT-CTCDRH74F-101M Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH74F-102M CT-CTCDRH74F-102M Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH74F-120M CT-CTCDRH74F-120M Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH74F-121M CT-CTCDRH74F-121M Datasheet
201Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTCDRH74F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com