Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCLNSF Datasheet(PDF) 1 Page - Central Technologies

Part # CTCLNSF
Description  Variable Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCLNSF Datasheet(HTML) 1 Page - Central Technologies

  CTCLNSF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2010 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.15.10
Variable Coils
www.ctparts.com
CTCLNSF
Series
From 1.0 mH to 56 mH
SPECIFICATIONS
Parts are available in ±10% inductance tolerance only.
Test
Part
Inductance
Freq.
Q
Number
(mH)
(KHz)
Min.
CTCLNSF-T1018Z
1.0
252
80
CTCLNSF-T1019Z
1.2
252
80
CTCLNSF-T1020Z
1.5
252
80
CTCLNSF-T1021Z
1.8
252
80
CTCLNSF-T1022Z
2.2
252
80
CTCLNSF-T1023Z
2.7
252
80
CTCLNSF-T1024Z
3.3
252
80
CTCLNSF-T1025Z
3.9
252
80
CTCLNSF-T1026Z
4.7
252
80
CTCLNSF-T1027Z
5.6
252
80
CTCLNSF-T1028Z
6.8
252
80
CTCLNSF-T1029Z
8.2
252
80
CTCLNSF-T1030Z
10.0
79.6
70
CTCLNSF-T1031Z
12.0
79.6
70
CTCLNSF-T1032Z
15.0
79.6
70
CTCLNSF-T1033Z
18.0
79.6
70
CTCLNSF-T1034Z
22.0
79.6
70
CTCLNSF-T1035Z
27.0
79.6
70
CTCLNSF-T1036Z
33.0
79.6
70
CTCLNSF-T1037Z
39.0
79.6
70
CTCLNSF-T1038Z
47.0
79.6
70
CTCLNSF-T1039Z
56.0
79.6
70
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: Variable Coil
Applications: FM radios, television receivers, transceivers,
wireless and communication applications, RF electronic
applications, oscillator and audio filter applications.
Frequency Range: 10-200KHz
Temperature Coefficient: TC (L) 220±220ppm/°C Max.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
3
2
1
4
6
S
Pin Connection (Bottom View)
A
B
B
C
C
E
G
D
øF
A
B
C
D
E
F
G
Max.
Max.
15.5
10.5
7.0±0.2
3.5±0.3
1.5±0.1
0.7±0.1
4.0±0.3
0.61
0.41
0.27±0.008
0.14±0.012
0.06±0.004
0.027±0.004
0.16±0.012
Size
mm
inches


Similar Part No. - CTCLNSF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
logo
ITT Industries
CTC ITT-CTC Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
CTC 16 WAY PLUG BLACK ITT-CTC 16 WAY PLUG BLACK Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
logo
Infinite Electronics In...
CTC-1 L-COM-CTC-1 Datasheet
66Kb / 1P
CA TWIN BNC M/M 78 OHM
09/24/01
CTC-1 L-COM-CTC-1 Datasheet
66Kb / 1P
CA TWIN BNC M/M 78 OHM
09/24/01
More results

Similar Description - CTCLNSF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
294SN-T1008Z TOKO-294SN-T1008Z Datasheet
31Kb / 1P
Variable Coils
5KM TOKO-5KM Datasheet
38Kb / 1P
Variable Coils
451AN-0002Z TOKO-451AN-0002Z Datasheet
26Kb / 1P
Variable Coils
7KLL TOKO-7KLL Datasheet
41Kb / 3P
Variable Coils
7KMM TOKO-7KMM Datasheet
31Kb / 2P
Variable Coils
7BR-151208N2 TOKO-7BR-151208N2 Datasheet
27Kb / 1P
Variable Coils
7PA TOKO-7PA Datasheet
20Kb / 1P
Variable Coils
7PL TOKO-7PL Datasheet
29Kb / 1P
Variable Coils
7TS TOKO-7TS Datasheet
26Kb / 1P
Variable Coils
logo
XFMRS Inc.
XF757595-R47 XFMRS-XF757595-R47 Datasheet
34Kb / 1P
VARIABLE COILS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com