Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTEPH149F Datasheet(PDF) 1 Page - Central Technologies

Part # CTEPH149F
Description  SMD Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTEPH149F Datasheet(HTML) 1 Page - Central Technologies

  CTEPH149F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
07.15.08
SPECIFICATIONS
Part numbers indicate tolerance available.
M = ±20%, N = ±30%
L Test
DCR
IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
CTEPH149F-R56N
0.56
100
0.0010
30
CTEPH149F-1R0M
1.00
100
0.00135
22
CTEPH149F-1R6M
1.60
100
0.0017
18
CTEPH149F-2R2M
2.20
100
0.00235
15
CTEPH149F-2R4M
2.40
100
0.00235
15
CTEPH149F Series
From 0.56 µH to 2.4 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD shielded power inductor (Ultra High Current)
Applications: Excellent for power line DC-DC conversion
applications used in notebook computers and other handheld
electronic equipment
Operating Temperature: -40°C to +85°C
Storage Temperature: -40°C to +125°C
Temperature rise: 40°C Typical at IDC
Resistance to solder heat: 260°C for 10 seconds
Rated Current: Based on temperature &
ΔL / L0A =25% Typ. at
IDC
Inductance Tolerance: ±20%, ±30%
Testing: Tested on a HP4285A at 100 KHz , 1V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
5.0
Unit: mm
3.0
3.0
Marking
A
C
Inductance Code
D
H
G
D1
F
1
3
2
1
3
2
Size
A
B
C
D
D1
E
F
G
H
mm 14.7±0.3 15.0±0.3
9.5±0.3
4.0±0.3
2.0±0.3
8.0±0.3
4.0±1.0
2.2±0.3
1.2±0.2
inches 0.58±0.01 0.59±0.01 0.37±0.01 0.16±0.01 0.08±0.01 0.31±0.01 0.16±0.04 0.09±0.01 0.05±0.008
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CTEPH149F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTEPH149 CT-CTEPH149 Datasheet
157Kb / 1P
SMD Power Inductors - Shielded
CTEPH149-1R0M CT-CTEPH149-1R0M Datasheet
157Kb / 1P
SMD Power Inductors - Shielded
CTEPH149-1R6M CT-CTEPH149-1R6M Datasheet
157Kb / 1P
SMD Power Inductors - Shielded
CTEPH149-2R2M CT-CTEPH149-2R2M Datasheet
157Kb / 1P
SMD Power Inductors - Shielded
CTEPH149-2R4M CT-CTEPH149-2R4M Datasheet
157Kb / 1P
SMD Power Inductors - Shielded
More results

Similar Description - CTEPH149F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com