Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2326 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX2326
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2326 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX2326 Datasheet HTML 17Page - Maxim Integrated Products MAX2326 Datasheet HTML 18Page - Maxim Integrated Products MAX2326 Datasheet HTML 19Page - Maxim Integrated Products MAX2326 Datasheet HTML 20Page - Maxim Integrated Products MAX2326 Datasheet HTML 21Page - Maxim Integrated Products MAX2326 Datasheet HTML 22Page - Maxim Integrated Products MAX2326 Datasheet HTML 23Page - Maxim Integrated Products MAX2326 Datasheet HTML 24Page - Maxim Integrated Products MAX2326 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
______________________________________________________________________________________
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
12
11
R6
7.5k
R4
2k
R1
20k
BUFFERED
LO OUTPUTS
VCC
C5
100pF
C6
22pF
C7
100pF
C12
3.9pF
C14
1.5pF
C15
6800pF
C18
1pF
C2
100pF
C3
100pF
C4
100pF
1.65nH
1pF
PCS DUPLEXER
DIPLEXER
CELLULAR LO
CELLULAR
DUPLEXER
3.3pF
6800pF
C19
2.7pF
C17
6800pF
C11
3.9pF
C8
2.2pF
C10
1000pF
C13
0.01
µF
C9
1000pF
L3
270nH
L4
120nH
L5
120nH
LOGIC
INPUT
FM
TO VGA
184MHz
184MHz
869MHz–894MHz
1930MHz–1990MHz
TO VGA
VCC
VCC
R2
51
Ω
R2
51
Ω
9
10
MAX2321
LNAINH
RLNA
LNAOUTL
LNAOUTH
GAIN
LIN
BAND
LNAINL
LOHIN
LOLIN
MIXINH
L6
5.6nH
L1
1.8nH
L2
6.8nH
3.85nH
MIXINL
RBIAS
CDMA+
CDMA-
BUFFEN
VCC
FMOUT
LOLOUT
LOHOUT
x2
MAX2321
(DUAL BAND, DUAL VCO INPUTS, LO DOUBLER, DUAL IF OUTPUTS, AND LO BUFFER)
NOTE: THE MAX2321 IS RECOMMENDED FOR
TRIPLE-MODE PHONES.
KEY FEATURE: LO DOUBLER FOR SINGLE VCO
OPERATION.
R5
20k
4.7nH
6800pF
4.7nH
C1
100pF
VCC
R11
30
Ω
Typical Application Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com