Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2450CEP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2450CEP
Description  3V, Ultra-Low-Power Quadrature Modulator/Demodulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2450CEP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2450CEP Datasheet HTML 1Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 2Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 3Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 4Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 5Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 6Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 7Page - Maxim Integrated Products MAX2450CEP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3V, Ultra-Low-Power Quadrature
Modulator/Demodulator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(
VCC = LO_VCC = TANK = 2.7V to 3.3V, ENABLE = VCC - 0.4, GND = LO_GND = 0V, I_IN = I_IN = Q_IN = Q_IN = IF_IN = TANK =
OPEN, TA = 0°C to +70°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, LO_VCC to GND............................................-0.3V to +4.5V
ENABLE, TANK, TANK, I_IN, I_IN, Q_IN,
Q_IN to GND ..................................................-0.3V to (VCC + 0.3V)
IF_IN to GND .........................................................-0.3V to +1.5V
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 9.1mW/°C above +70°C) ......................727mW
Operating Temperature Range...............................0°C to +70°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
ENABLE = 0.4V
ENABLE = VCC
CONDITIONS
V
1.2
VI_OUT/I_OUT,
VQ_OUT/Q_OUT
I_OUT, I_OUT, Q_OUT, Q_OUT
DC Bias Voltage Level
µA
220
ICC(OFF)
Shutdown Supply Current
mA
5.9
8.2
ICC(ON)
V
2.7
3.3
VCC, LO_VCC
Supply Voltage Range
Supply Current
Ω
320
400
480
ZIF_IN
Demodulator IF Input Impedance
V
VCC - 1.5
VIF_OUT/IF_OUT
IF_OUT, IF_OUT DC Bias Voltage
k
Ω
35
44
ZI_IN/I_IN,
ZQ_IN/Q_IN
Modulator Differential Input
Impedance
V
1.25
1.5
1.75
VI_IN/I_IN,
VQ_IN/Q_IN
I_IN, I_IN, Q_IN, Q_IN
Self-Bias DC Voltage Level
µs
10
tON/OFF
Enable/Disable Time
µA
13
IEN
ENABLE Bias Current
V
VCC - 0.4
VENH
ENABLE High Voltage
V
0.4
VENL
ENABLE Low Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
AC ELECTRICAL CHARACTERISTICS
(MAX2450 EV kit, VCC = LO_VCC = ENABLE = 3.0V, fLO = 140MHz, fI_IN/I_IN = fQ_IN/Q_IN = 600kHz, VI_IN/I_IN = VQ_IN/Q_IN = 1.2Vp-p,
fIF_IN = 70.1MHz, VIF_IN = 2.82mVp-p, TA = +25°C, unless otherwise noted.)
(Note 2)
(Note 2)
CONDITIONS
dB
< ±0.45
I and Q Amplitude Balance
dBc
-60
IM5I/Q
I and Q IM5 Level
dBc
-44
IM3I/Q
I and Q IM3 Level
degrees
< ±1.3
I and Q Phase Accuracy
dB
51
Voltage Conversion Gain
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RL = 10kΩ, CL < 6pF, rising edge
(Notes 1, 3)
10kHz offset
RL = 10kΩ, CL < 6pF
MHz
9
BWDEMOD
I and Q Signal 3dB Bandwidth
V/µs
60
SRPRE_OUT
PRE_OUT Slew Rate
MHz
70
160
fLO
Oscillator Frequency Range
dBc/Hz
-80
LO Phase Noise
Vp-p
0.35
VPRE_OUT
PRE_OUT Output Voltage
(Note 1)
Vp-p
1.35
Allowable I and Q Voltage Swing
mV
±11
±50
Demodulator I and Q Baseband
DC Offset
dB
18
NF
Noise Figure
DEMODULATOR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com