Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-4151W-PCAE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-4151W-PCAE
Description  15.6" Fanless Wide Screen Panel PC with Intel Core i5/i3/Celeron Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-4151W-PCAE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-4151W-PCAE Datasheet HTML 1Page - Advantech Co., Ltd. PPC-4151W-PCAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
I/O Appearance
A. Mic-in
B. 4 x USB 3.0
C.VGA Port
D.4 x RS-232
E. DC Inlet
F. Power Button
G.Ground Line
H.1 x RS-422/485
I. Display Port
J. 2 x 10/100/1000 Mbps Ethernet
K. Line Out
A B
C
E
D
F
G
H
I
J
K
PPC-4151W
Ordering Information
Part NO
Description
PPC-4151W-P5AE
15.6 Wide screen PPC with PCT Multi-touch, Intel
Core i5-4300U up to 2.9GHz
PPC-4151W-PCAE
15.6 Wide screen PPC with PCT Multi-touch, Intel
Celeron 2980U 1.6GHz
PPC-4151W-R3AE
15.6 Wide screen PPC with Resistive-touch, Intel
Core i3-4010U up to 1.7GHz
PS-DC19-L157E
19V DC power Adapter Module
1700001524
POWER Cord 3P UL 10A 125V 180cm
170203183C
POWER Code 3P Europe (WS-010+083)183cm
1700008921
POWER CORD 3P/3P POWER SUPPLY 1.8M PSE
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-STAND-A1E
Stand for PPC series (single acting hinge)
PPC-174 Stand
Stand for PPC Series (double acting hinges)
PPC-ARM-A03
PPC ARM VESA Standard
PPC-WLAN-A1E
Wi-Fi Module
2070012905
Image WES7P 32-bit Multi PPC-4151W/4211W-P
2070013051
Image WES7P 64-bit Multi PPC-4151W/4211W-P
PPC-FUSB-A1E
Front USB Module
413.00
419.70
411.36
7.30
41.70
59.00
100
CUT OUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com