Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-6150-Ri5AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-6150-Ri5AE
Description  15" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-6150-Ri5AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-6150-Ri5AE Datasheet HTML 1Page - Advantech Co., Ltd. PPC-6150-Ri5AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
Features
PPC-6150
C ®
UL US
15" Panel PC with Intel® Core™ i3 / i5 /
Celeron® Processor
ƒ Intel® Core™ i3, i5, Celeron 1020E + Intel QM77 PCH
ƒ 1X DDR3/DDR3L SODIMM supports to 8 GB
ƒ Multiple expansion slots including one PCIe x4, one PCI + one PCIe x1, two
PCI (optional) and two PCIe x1 (optional)
ƒ Optional second HDD, supports Intel RAID
ƒ One isolated RS-232/422/485 port; (selectable in by BIOS)
ƒ One GPIO/RS-232 (8 channels, TTL level); (by swapping pin header)
ƒ Dual GbE, supports Intel AMT8.0
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Introduction
The PPC-6150 is a Panel PC with an Intel Core i3/i5 or Celeron processor, and a 15" color TFT LCD panel. It features extremely high computing power, modular design, excellent
connectivity, and can support virtually any application. In addition, its user-friendly interface makes it a great host for information appliances. Two expansion slots, dual hard drives
supporting Intel RAID, and one isolated RS-232/422/485 port make the PPC-6150 highly reliable, and provide a great solution for a wide range of applications.
Specifications
Processor System
Intel
Core i5-3610ME
Core i3-3120ME
Celeron 1020E
Frequency
2.7 GHz
2.4 GHz
2.2 GHz
L3 Cache
4M
3M
2M
Chipset
Intel QM77
Memory
1 x 204-pin SODIMM, DDR3 (1600 MHz) / DDRL (1333 MHz), supports up to 8 GB
Storage 1
1 x 2.5" SATA bay
Storage 2
Either one
ƒ Second 2.5" SATA bay (Intel RAID supported, optional)
ƒ Slim type 8X or above DVD +/- RW (optional)
Network (LAN)
2 x Gigabit Gigabit Ethernet connectors, Intel AMT supported (GbE1- Intel 82579LM, GbE2 – Intel 82583V)
I/O ports
ƒ 4 x COM ports, 1 x isolated RS-232/422/485, 3 x RS-232
ƒ 1 x GPIO/RS-232 (8 channels, TTL level); by pin header
ƒ 3 x USB3.0 + 2 x USB2.0 ports
Expansion Slots
Either:
ƒ One PCI + one PCIe x1 (standard)
ƒ One x PCIe x 4 (in the accessory box)
Additional Expansion
1 xfull-size mini PCIe (Supports mSATA)
1 x half-size mini PCIe
Fan
Two 12V 60 x 60 x 13 (mm) with smart fan control, (70,000 hours continuous test @ 40° C)
Physical
Characteristics
Dimensions
395.5 x 316.8 x 105.5 (mm) (15.6" x 12.5" x 4.15")
Weight
6.5 Kg (14.32lb)
OS Support
OS Support
Win XPE / Win XP Pro / WES7 32 & 64 bit / Windows 7 32 & 64 bit
Power Supply
Output Rating
150 W (max.)
Input Voltage
100 - 240VAC, 50/60Hz, 4-2A
Power Consumption
With Core i5-3610ME is 61W
With Core i3-3120ME is 50W
With Celeron 847E is 48W
(Burn-in test 7.0 in Windows 7 32-bit)
LCD Display
Display Type
15" TFT LCD (LED Backlight)
Max. Resolution
1024 x 768
Colors
262K
Dot Size (mm)
0.297 x 0.297
Viewing Angle
80 (left), 80 (right), 70 (up), 70 (down)
Luminance(cd/m2)
350
Contrast Ratio
700
Backlight Lifetime
50, 000 hrs (typical)
NEW
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - PPC-6150-Ri5AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-6150-DVDE ADVANTECH-PPC-6150-DVDE Datasheet
490Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-6150-DVDE ADVANTECH-PPC-6150-DVDE Datasheet
549Kb / 2P
17"/ 15" Panel PC with Intel짰 Core??i3 / i5 /Celeron짰 Processor and 4 additional GbE ports
PPC-6150-HDDE ADVANTECH-PPC-6150-HDDE Datasheet
490Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-6150-HDDE ADVANTECH-PPC-6150-HDDE Datasheet
549Kb / 2P
17"/ 15" Panel PC with Intel짰 Core??i3 / i5 /Celeron짰 Processor and 4 additional GbE ports
PPC-6150-PCIE ADVANTECH-PPC-6150-PCIE Datasheet
490Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
More results

Similar Description - PPC-6150-Ri5AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5890 ADVANTECH-SOM-5890 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892B1 ADVANTECH-SOM-5892B1_13 Datasheet
663Kb / 2P
Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-9890 ADVANTECH-SOM-9890 Datasheet
675Kb / 2P
Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-6894 ADVANTECH-SOM-6894_15 Datasheet
567Kb / 2P
Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM Express짰 Compact Module
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
PPC-6170-Ri5AE ADVANTECH-PPC-6170-Ri5AE Datasheet
490Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-6170A-Ri5AE ADVANTECH-PPC-6170A-Ri5AE Datasheet
549Kb / 2P
17"/ 15" Panel PC with Intel짰 Core??i3 / i5 /Celeron짰 Processor and 4 additional GbE ports
PPC-8150-RI3AE ADVANTECH-PPC-8150-RI3AE Datasheet
541Kb / 2P
15" Panel PC with Intel짰 Core??i3 / i5 Processor
PPC-8170-RI3AE ADVANTECH-PPC-8170-RI3AE Datasheet
556Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 Processor
PPC-3151 ADVANTECH-PPC-3151 Datasheet
625Kb / 2P
15 Fanless Panel PC with Intel짰 Core??i5-6300U Processor
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com