Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-174Stand Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-174Stand
Description  15.6" Fanless Wide Screen Panel PC with Intel Core i5/i3/Celeron Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-174Stand Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-174Stand Datasheet HTML 1Page - Advantech Co., Ltd. PPC-174Stand Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
Features
PPC-4151W
ƒ 15.6" WXGA entirely flat panel with Projected capacitive touchscreen
ƒ High performance Intel Core i CPU with Fanless design
ƒ PCIe x1 or PCI expansion support
ƒ Automatic data flow control over RS-485
ƒ Wide Range DC 9-32V support
ƒ Dual Gigabit Ethernet, support IEEE1588
ƒ 3 x Independent display
15.6" Fanless Wide Screen Panel PC
with Intel Core i5/i3/Celeron Processor
Introduction
The PPC-4151W is a new generation Panel PC with WXGA (1366 x 768) screen. The most important, system equips with high performance Intel Core i CPU but the heat can be
dispatched easily by high efficiency fanless thermal design. This makes HMI a big step forward to consolidate performance and reliability in one system. Besides, with rich I/O as 5
x COM, 5 x USB and dual Gigabit ethernet make it easier to connect to devices and be integrated into machine building industry. In addition, PCIe/PCI expansion to add on field bus
or proprietary card makes more application possibility. The last but not least, the multi touch screen makes the HMI more intuitive, brings you the best operate experience.
Specifications
PPC-4151W-P5AE
PPC-4151W-PCAE
PPC-4151W-R3AE
Processor system
CPU
Intel 4th Generation Core i CPU
i5-4300U, 2C, 3M, up to 2.9GHz
Celeron 2980U, 2C, 2M, 1.6GHz
Intel 4th Generation Core i CPU
i3-4010U,2C,3M
Memory
SO-DIMM x 1, DDR3L1333/1600, Max 8GB
2nd Cache Memory
3 MB / 2 MB
Storage
mSATA*1
HDD
1 x 2.5" SATA HDD Bay
I/O Ports
5 x Serial ports: 4 x RS-232, 1 x RS-422/485 with isolation 1K VDC
4 x USB 3.0 ports in rear side, 1 x USB 2.0 in right side
1 x Line-out, 1x MIC-in
1 x DB15 VGA
1 x Display Port (1.2)
Bus Expansion
1 x MINI PCIe,
1 x PCIe x1 or 1 x PCI(either one)
Network (LAN)
2 x 10/100/1000 Mbps Ethernet, Intel I211-AT, Intel I218LM
Speaker
2 x 1W
Watchdog Timer
255 timer levels; setup by software
Dimensions
419.7 x 269 x 59 mm
Weight
5.8 Kg
OS support
OS Support
Win 7/Win 8/Win 8.1/Linux
Power supply
Input Voltage
DC 9-32V
Power consumption
i5-4300U: 56W, i3-4010U:56W
Celeron 2980U: 45W (8G DDR3L, USB x 4, COM x 4, USB mouse, 2.5" HDD 500G, Win7 64bit, Burn-in 7.0 )
LCD Display
Display Type
15.6" TFT LCD (LED Backlight)
Max. Resolution
1366 x 768
Colors
16.7M
Viewing Angle
85 (left), 85 (right), 85 (up), 85 (down)
Luminance(cd/m2)
300
Brightness Control
Yes (by BIOS)
Backlight Lifetime
50, 000 hrs (typ.)
Touchscreen
Touch Type
Projected Capacitive multi touch 10 point
Resistive single touch
Light Transmission
88 % ± 2 %.
80 % ± 5 %
Controller
USB interface
Environment
Operating Temperature
0 ~ 50° C (32 ~ 122° F) for SSD, 0~45° C for HDD
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Relative Humidity
10 ~ 95% @ 40° C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms, follow IEC 60068-2-64
EMC
BSMI, CE, FCC Class B
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP65 compliant
C ®
UL US
NEW
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - PPC-174Stand

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
463Kb / 2P
19" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
525Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
518Kb / 2P
21.5" Fanless Wide Screen Panel PC with Intel Core i5 Celeron Processor
More results

Similar Description - PPC-174Stand

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-4150W-P4GAE ADVANTECH-PPC-4150W-P4GAE Datasheet
525Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
PPC-4211W ADVANTECH-PPC-4211W_15 Datasheet
518Kb / 2P
21.5" Fanless Wide Screen Panel PC with Intel Core i5 Celeron Processor
logo
Axiomtek Co., Ltd.
EBOX670-883-FL AXIOMTEK-EBOX670-883-FL_17 Datasheet
348Kb / 1P
Fanless Embedded System with LGA1150 Socket Intel Core i7/i5/i3 & Celeron
EBOX730-860-FL AXIOMTEK-EBOX730-860-FL_17 Datasheet
295Kb / 1P
Fanless Embedded System with Intel Core i7/i3 & Celeron Processor
IPC912-213-FL AXIOMTEK-IPC912-213-FL_17 Datasheet
483Kb / 2P
2-slot Fanless System with Intel Core i7/i5/i3 & Celeron Processor
logo
Advantech Co., Ltd.
PPC-315W-TGL ADVANTECH-PPC-315W-TGL Datasheet
619Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-415-TGL ADVANTECH-PPC-415-TGL Datasheet
507Kb / 2P
15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
15-Jun-2022
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3151W ADVANTECH-PPC-3151W Datasheet
410Kb / 2P
15.6 Fanless Widescreen Panel PC with Intel Core™ i5-7300U Processor
28-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com