Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-STAND-A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-STAND-A1E
Description  19" Fanless Panel PC with Intel Atom Quad-Core Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-STAND-A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-STAND-A1E Datasheet HTML 1Page - Advantech Co., Ltd. PPC-STAND-A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
Features
19" Fanless Panel PC with Intel Atom
Quad-Core Processor
PPC-3190
ƒ 19" TFT SXGA LCD with resistive touchscreen
ƒ Embedded Intel Atom Quad-Core E3845 1.91G
ƒ Fanless and Slim design
ƒ Supports one internal 2.5” SATA HDD, one mSATA socket
ƒ Built-in one PCI or one PCIe x1 expansion slot
ƒ Wide operating temp. range from -20~60°C
ƒ Wide range power input for 9~32VDC
ƒ One isolated RS-422/485 with Autoflow, Dual Intel GbE
ƒ One optional GPIO (8 channels, TTL level)
Specifications
Processor system
CPU
Intel ATOM E3845
Frequency
1.91 GHz
L3 Cache
2M
Chipset
Intel Bay-Trial I
Memory
1 x 204-pin SODIMM DDR3L support up to 8GB
Storage 1
1 x 2.5” SATA bay
Optional Storage & I/O
Either:
ƒ 1 x Full size mSATA
ƒ CFast card (optional module)
ƒ CF card (optional module)
ƒ Internal USB connector for USB dongle (optional module)
ƒ 2 x DB9 for two RS-232 or one RS-232 and one GPIO (optional module)
Network (LAN)
2 x Gigabit Ethernet, (Intel I210)
I/O Ports
ƒ 1 x isolated RS-422/485 (terminal block)
ƒ 4 x RS-232, two external and two by internal pin header (need optional module)
ƒ 1 x GPIO (8 channels, TTL level) by internal pin header (need optional module)
ƒ 1 x USB3.0 + 3 x USB2.0
ƒ 2 x Gigabit Ethernet
ƒ 1 x D-SUB VGA port
ƒ 1 x DP1.1a
ƒ 1 x Line-out, 1 x Mic-in, 2 x 1W speaker,
Expansion slots
Either
ƒ One PCI (standard)
ƒ One PCIe x 1 (in the accessory box)
Other Expansion
1 x Full-size Mini PCIe
Physical
Characteristics
Dimensions
458.2 x 384 x 67.3(mm)(18" x 15" x 2.6")
Weight
7.9kg (17.3Ib)
OS support
OS Support
WES7 32&64bit / Windows 7 32&64bit/ Windows 8 32&64bit
Power supply
Input Voltage
9-32 VDC
Power Consumption
27W (Burn-In test 7.0 in windows 7 32bits)
LCD Display
Display Type
19" TFT LCD (LED Backlight)
Max. Resolution
1280 x 1024
Colors
16.7M
Viewing Angle
85 (left), 85 (right), 80 (up), 80 (down)
Luminance(cd/m2)
350
Conrast Ratio
1000
Backlight Lifetime
50,000 hrs (typ.)
NEW
Introduction
The PPC-3190 is a 19" fanless panel PC that doesn’t only deliver high performance with an Intel quad-core Atom processor but also supports a wide operating temp. (-20~60°C)
and wide range of power input (9~32VDC). It consolidates performance and reliability in one system. With multiple I/Os such as 4 x COM, 1 x USB3.0, 1x isolated RS-422/485 and
dual Intel Gigabit Ethernet make it easier to connect to devices and be integrated into machine building industry. The PCI/PCIe expansion is allowed to add on field bus or proprietary
card makes more application possibility.
C ®
UL US
All product specifications are subject to change without notice
Last updated : 15-Jun-2015


Similar Part No. - PPC-STAND-A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-STAND-A1E ADVANTECH-PPC-STAND-A1E Datasheet
478Kb / 2P
10.4" Fanless Panel PC with Intel짰 Atom??D2550 Processor
PPC-STAND-A1E ADVANTECH-PPC-STAND-A1E Datasheet
460Kb / 2P
12.1" Fanless Panel PC with Intel짰 Atom??D2550 Processor
PPC-STAND-A1E ADVANTECH-PPC-STAND-A1E Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-STAND-A1E ADVANTECH-PPC-STAND-A1E Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-STAND-A1E ADVANTECH-PPC-STAND-A1E Datasheet
525Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
More results

Similar Description - PPC-STAND-A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3150 ADVANTECH-PPC-3150_15 Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-3170-RE4AE ADVANTECH-PPC-3170-RE4AE Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-4150W-P4GAE ADVANTECH-PPC-4150W-P4GAE Datasheet
525Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
PPC-L158T-090-AXE ADVANTECH-PPC-L158T-090-AXE Datasheet
636Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??Dual-Core Processor
PPC-3150 ADVANTECH-PPC-3150_V01 Datasheet
543Kb / 2P
15 Fanless Panel PC with Intel짰 Atom??Quad-Core Processor
PPC-3100 ADVANTECH-PPC-3100 Datasheet
381Kb / 2P
10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-324W-P7 ADVANTECH-PPC-324W-P7 Datasheet
454Kb / 2P
23.8 Fanless Panel PC with Intel Core™ i Processor
28-Jul-2022
PPC-3150-RJ90 ADVANTECH-PPC-3150-RJ90 Datasheet
264Kb / 2P
15 Fanless Panel PC with Intel® Celer-on Quad Core J1900 Processor
1-Aug-2022
PPC-3170 ADVANTECH-PPC-3170 Datasheet
381Kb / 2P
17 Fanless Panel PC with Intel Atom™ Quad-Core Processor
1-Aug-2022
PPC-3190 ADVANTECH-PPC-3190 Datasheet
393Kb / 2P
19 Fanless Panel PC with Intel® Atom™ Quad-Core Processor
28-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com